Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010 Datasheet(HTML) 1 Page - Texas Instruments

  PCM3010 Datasheet HTML 1Page - Texas Instruments PCM3010 Datasheet HTML 2Page - Texas Instruments PCM3010 Datasheet HTML 3Page - Texas Instruments PCM3010 Datasheet HTML 4Page - Texas Instruments PCM3010 Datasheet HTML 5Page - Texas Instruments PCM3010 Datasheet HTML 6Page - Texas Instruments PCM3010 Datasheet HTML 7Page - Texas Instruments PCM3010 Datasheet HTML 8Page - Texas Instruments PCM3010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND
SINGLE-ENDED ANALOG INPUT/OUTPUT
1
www.ti.com
FEATURES
D 24-Bit Delta-Sigma ADC and DAC
D Stereo ADC:
– Single-Ended Voltage Input: 3 Vp-p
– Antialiasing Filter Included
– 1/128, 1/64 Decimation Filter:
– Pass-Band Ripple:
±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.84 Hz at
fS = 44.1 kHz
– High Performance:
– THD+N: –95 dB (Typical)
– SNR: 100 dB (Typical)
– Dynamic Range: 102 dB (Typical)
D Stereo DAC:
– Single-Ended Voltage Output: 3 Vp-p
– Analog Low-Pass Filter Included
–
×8 Oversampling Digital Filter:
– Pass-Band Ripple:
±0.03 dB
– Stop-Band Attenuation: –50 dB
– High Performance:
– THD+N: –96 dB (Typical)
– SNR: 104 dB (Typical)
– Dynamic Range: 104 dB (Typical)
D Multiple Functions:
– Digital De-Emphasis: 32 kHz, 44.1 kHz,
48 kHz
– Power Down: ADC/DAC Simultaneous
– 16-, 24-Bit Audio Data Formats
D Sampling Rate: 16–96 kHz (ADC), 16–192 kHz
(DAC)
D System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS
D Dual Power Supplies: 5 V for Analog and 3.3 V
for Digital
D Package: 24-Pin SSOP, Lead-Free Product
APPLICATIONS
D DVD Recorders
D CD Recorders
D PC Audio
D Sound Control System
DESCRIPTION
The PCM3010 is a low-cost single-chip 24-, 16-bit
stereo audio codec (ADC and DAC) with single-ended
analog
voltage
input
and
output.
Both
the
analog-to-digital converters (ADCs) and digital-to-
analog
converters
(DACs)
employ
delta-sigma
modulation with 64-times oversampling. The ADCs
include a digital decimation filter with a high-pass filter,
and the DACs include an 8-times-oversampling digital
interpolation filter. The DACs also include a digital
de-emphasis function. The PCM3010 accepts four
different audio data formats for the ADC and DAC. The
PCM3010 provides a power-down mode, which works
on the ADC and DAC simultaneously. The PCM3010 is
suitable for a wide variety of cost-sensitive consumer
applications where good performance is required. The
PCM3010 is fabricated using a highly advanced CMOS
process and is available in a small 24-pin SSOP
package.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible
to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCM3010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010 TI2-PCM3010 Datasheet
572Kb / 36P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
NOVEMBER 2002
PCM3010DB TI1-PCM3010DB Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM3010DB TI2-PCM3010DB Datasheet
572Kb / 36P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
NOVEMBER 2002
PCM3010DB.B TI2-PCM3010DB.B Datasheet
572Kb / 36P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
NOVEMBER 2002
PCM3010DBG4 TI1-PCM3010DBG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
More results

Similar Description - PCM3010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com