Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78LS120 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78LS120
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS78LS120 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd0(D)
Differential Input to “0” Output
38
60
ns
t
pd1(D)
Differential Input to “1” Output
Response Pin Open, C
L = 15 pF, RL =2k
Ω
38
60
ns
t
pd0(S)
Strobe Input to “0” Output
16
25
ns
t
pd1(S)
Strobe Input to “1” Output
12
25
ns
AC Test Circuit and Switching Time Waveforms
Differential and Strobe Input Signal
00749903
Includes probe and test fixture capacitance
00749904
Note: Optimum switching response is obtained by minimizing stray capacitance on Response Control pin (no external connection).
Application Hints
Balanced Data Transmission
00749905
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com