Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78LS120 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78LS120
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS78LS120 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7V
Input Voltage
±25V
Strobe Voltage
7V
Output Sink Current
50 mA
Storage Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation at 25˚C
(Note 1)
1433 mV
Lead Temperature (Soldering, 4 sec)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.5
5.5
V
Temperature (T
A)
−55
+125
˚C
Common-Mode Voltage (V
CM)
−15
+15
V
Electrical Characteristics (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max Units
V
TH
Differential Threshold Voltage
I
OUT = −400 µA, VOUT
≥ 2.5V
−7V
≤ V
CM
≤ 7V
0.06
0.2
V
−15
≤ V
CM
≤15V
0.06
0.3
V
V
TL
Differential Threshold Voltage
I
OUT = 4 mA, VOUT
≤ 0.5V
−7V
≤ V
CM
≤7V
−0.08 −0.2
V
−15V
≤ V
CM
≤
15V
−0.08 −0.3
V
V
TH
Differential Threshold Voltage
I
OUT = −400 µA, VOUT
≥ 2.5V
−7V
≤ V
CM
≤ 7V
0.47
0.7
V
V
TL
with Fail-Safe Offset = 5V
I
OUT = 4 mA, VOUT
≤ 0.5V
−7V
≤ V
CM
≤ 7V
−0.2 −0.42
V
R
IN
Input Resistance
−15V
≤ V
CM
≤ 15V, 0V ≤ V
CC
≤ 7V
4
5
k
Ω
R
T
Line Termination Resistance
T
A = 25˚C
100
180
300
Ω
R
O
Offset Control Resistance
T
A = 25˚C
42
56
70
k
Ω
I
IND
Data Input Current (Unterminated)
V
CM = 10V
2
3.1
mA
V
CM =0V
0V
≤ V
CC
≤ 7V
0
−0.5
mA
V
CM = −10V
−2
−3.1
mA
V
THB
Input Balance
I
OUT = −400 µA, VOUT
≥ 2.5V,
−7V
≤ V
CM 7V
0.1
0.4
V
(Note 6)
R
S = 500
Ω
I
OUT = 4 mA, VOUT
≤ 0.5V,
−7V
≤ V
CM
≤ 7V
−0.1
−0.4
V
R
S = 500
Ω
V
OH
Logical “1” Output Voltage
I
OUT = −400 µA, VDIFF = 1V, VCC = 4.5V
2.5
3
V
V
OL
Logical “0” Output Voltage
I
OUT = 4 mA, VDIFF = −1V, VCC = 4.5V
0.35
0.5
V
I
CC
Power Supply Current
V
CC = 5.5V
V
CM = 15V
10
16
mA
V
DIFF = −0.5V, (Both Receivers)
V
CM = −15V
10
16
mA
I
IN (1)
Logical “1” Strobe Input Current
V
STROBE = 5.5V, VDIFF = 3V
1
100
µA
I
IN (0)
Logical “0” Strobe Input Current
V
STROBE = 0V, VDIFF = −3V
−290 −400
µA
V
IH
Logical “1” Strobe Input Voltage
V
OL
≤ 0.5, I
OUT = 4mA
2.0
1.12
V
V
IL
Logical “0” Strobe Input Voltage
V
OH
≥ 2.5V, I
OUT, = −400 µA
1.12
0.8
V
I
OS
Output Short-Circuit Current
V
OUT = 0V, VCC = 5.5V, VSTROBE = 0V,(Note 5)
−30
−100 −170
mA
Note 1: Derate cavity package 9.6 mW/˚C above 25˚C.
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range”
they are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device
operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS78LS120. All typical values are for TA = 25˚C,
VCC = 5V and VCM =0V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Only one output at a time should be shorted.
Note 6: Refer to EIA-RS422 for exact conditions.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com