Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78LS120 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78LS120
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS78LS120 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS78LS120
Dual Differential Line Receiver (Noise Filtering and
Fail-Safe)
General Description
The DS78LS120 is a high performance, dual differential, TTL
compatible line receiver for both balanced and unbalanced
digital data transmission. The inputs are compatible with
EIA, Federal and MIL standards.
The line receiver will discriminate a ±200 mV input signal
over a common-mode range of ±10V and a ±300 mV signal
over a range of ±15V.
Circuit features include hysteresis and response control for
applications where controlled rise and fall times and/or high
frequency noise rejection are desirable. Threshold offset
control is provided for fail-safe detection, should the input be
open or short. Each receiver includes an optional 180
Ω
terminating resistor and the output gate contains a logic
strobe for time discrimination. The DS78LS120 is specified
over a −55˚C to +125˚C temperature range.
Input specifications meet or exceed those of the popular
DS7820 line receiver.
Features
n
Meets EIA standards RS232-C, RS422 and RS423,
Federal Standards 1020, 1030 and MIL-188-114
n
Input voltage range of ±15V (differential or
common-mode)
n
Separate strobe input for each receiver
n
5k typical input impedance
n
Optional 180
Ω termination resistor
n
50mV input hysteresis
n
200mV input threshold
n
Separate fail-safe mode
Connection Diagram
Dual-In-Line-Package
00749901
Top View
see RETS Data Sheet.
Order Number DS78LS120J/883 or DS78LS120W/883
See NS Package Number J16A or W16A
September 1999
© 2004 National Semiconductor Corporation
DS007499
www.national.com


Similar Part No. - DS78LS120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS78LS120 TI2-DS78LS120 Datasheet
587Kb / 13P
DS78LS120/DS78LS120QML Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
REVISED APRIL 2013
DS78LS120J/883 TI1-DS78LS120J/883 Datasheet
520Kb / 12P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS78LS120J/883 TI2-DS78LS120J/883 Datasheet
587Kb / 13P
DS78LS120/DS78LS120QML Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
REVISED APRIL 2013
DS78LS120J/883.A TI2-DS78LS120J/883.A Datasheet
587Kb / 13P
DS78LS120/DS78LS120QML Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
REVISED APRIL 2013
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
More results

Similar Description - DS78LS120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75146 TI-SN75146 Datasheet
108Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
STMicroelectronics
SN75276 STMICROELECTRONICS-SN75276 Datasheet
303Kb / 16P
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
30-Mar-2005
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com