Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUMBER Datasheet(PDF) 2 Page - Texas Instruments

Part # NUMBER
Description  INSTRUMENTATION AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NUMBER Datasheet(HTML) 2 Page - Texas Instruments

  NUMBER Datasheet HTML 1Page - Texas Instruments NUMBER Datasheet HTML 2Page - Texas Instruments NUMBER Datasheet HTML 3Page - Texas Instruments NUMBER Datasheet HTML 4Page - Texas Instruments NUMBER Datasheet HTML 5Page - Texas Instruments NUMBER Datasheet HTML 6Page - Texas Instruments NUMBER Datasheet HTML 7Page - Texas Instruments NUMBER Datasheet HTML 8Page - Texas Instruments NUMBER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INA337, INA338
2
SBOS222A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA337
MSOP-8
DGK
–40
°C to +125°C
BIM
INA337AIDGKT
Tape and Reel, 250
"
"""
"
INA337AIDGKR
Tape and Reel, 2500
INA338
MSOP-10
DGS
–40
°C to +125°C
BIL
INA338AIDGST
Tape and Reel, 250
"
"""
"
INA338AIDGSR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................. +5.5V
Signal Input Terminals: Voltage(2) ......................................... –0.5V to (V+) + 0.5V
Current(2) ........................................................................
±10mA
Output Short-Circuit ................................................................. Continuous
Operating Temperature Range ....................................... –40
°C to +150°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input signals that
can swing more than 0.5V beyond the supply rails should be current limited to
10mA or less.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
1
2
3
4
8
7
6
5
R
1
V+
V
O
R
2
R
1
V
IN–
V
IN+
V–
INA337
MSOP-8
1
2
3
4
5
10
9
8
7
6
R
1
V+
V
O
R
2
Enable
R
1
V
IN–
V
IN+
V–
(Connect to V+)
INA338
MSOP-10
Top View
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com