Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUMBER Datasheet(PDF) 3 Page - Texas Instruments

Part # NUMBER
Description  INSTRUMENTATION AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NUMBER Datasheet(HTML) 3 Page - Texas Instruments

  NUMBER Datasheet HTML 1Page - Texas Instruments NUMBER Datasheet HTML 2Page - Texas Instruments NUMBER Datasheet HTML 3Page - Texas Instruments NUMBER Datasheet HTML 4Page - Texas Instruments NUMBER Datasheet HTML 5Page - Texas Instruments NUMBER Datasheet HTML 6Page - Texas Instruments NUMBER Datasheet HTML 7Page - Texas Instruments NUMBER Datasheet HTML 8Page - Texas Instruments NUMBER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
INA337, INA338
3
SBOS222A
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +125°C
At TA = +25°C, RL = 10kΩ, G = 100 (R1 = 2kΩ, R2 = 100kΩ), external gain set resistors, and IACOMMON = VS /2, with external equivalent filter corner of 1kHz filters,
unless otherwise noted.
INA337AIDGK, INA338AIDGS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
VOS
VS = +5V, VCM = VS /2
±20
±100
µV
Over Temperature
±140
µV
vs Temperature
dVOS/dT
±0.1
±0.4
µV/°C
vs Power Supply
PSR
VS = +2.7V to +5.5V, VCM = VS /2
±20
±3
µV/V
Long-Term Stability
See Note (1)
Input Impedance, Differential
1010 || 2
Ω || pF
Common-Mode
1010 || 14
Ω || pF
Input Voltage Range
(V–) + 0.25
(V+) + 0.1
V
Safe Input Voltage
(V–) –0.5
(V+) + 0.5
V
Common-Mode Rejection
CMR VS = +5V, VCM = (V–) + 0.25V to (V+) + 0.1V
106
120
dB
Over Temperature
100
dB
INPUT BIAS CURRENT
VCM = VS /2
Bias Current
IB
VS = +5V
±0.2
±2nA
vs Temperature
See Typical Characteristics
Offset Current
IOS
VS = +5V
±0.2
±2nA
NOISE
Voltage Noise, RTI
RS = 0Ω, G = 100, R1 = 2kΩ, R2 = 100kΩ
f = 10Hz
33
nV/
√Hz
f = 100Hz
33
nV/
√Hz
f = 1kHz
33
nV/
√Hz
f = 0.01Hz to 10Hz
0.8
µVp-p
Voltage Noise, RTI
RS = 0Ω, G = 10, R1 = 20kΩ, R2 = 100kΩ
f = 10Hz
120
nV/
√Hz
f = 100Hz
97
nV/
√Hz
f = 1kHz
97
nV/
√Hz
f = 0.01Hz to 10Hz
4
µVp-p
Current Noise, RTI
f = 1kHz
0.15
pA/
√Hz
f = 0.01Hz to 10Hz
4.2
pAp-p
Output Ripple, VO Filtered(2)
See Applications Information
GAIN
Gain Equation
G = 2(R2/R1)
Range of Gain
< 0.1
> 10000
V/V
Gain Error(3)
G = 10, 100, VS = +5V, VO = 0.25V to 4.925V
0.08
±0.2
%
vs Temperature
G = 10, 100, VS = +5V, VO = 0.25V to 4.925V
±6
±25
ppm/
°C
Nonlinearity
G = 10, 100, VS = +5V, VO = 0.25V to 4.925V
±0.003
±0.01
% of FS
OUTPUT
Voltage Output Swing from Positive Rail
RL = 10kΩ, VS = 5V
(V+) – 0.075
(V+) – 0.01
V
Over Temperature
(V+) – 0.075
V
Voltage Output Swing from Negative Rail
RL = 10kΩ, VS = 5V
(V–) + 0.25
(V+) + 0.01
V
Over Temperature
(V–) + 0.25
V
Capacitive Load Drive
500
pF
Short-Circuit Current
ISC
±25
mA
INTERNAL OSCILLATOR
Frequency of Auto-Correction
90
kHz
Accuracy
±20
%
FREQUENCY RESPONSE
Bandwidth(4), –3dB
BW
G = 1 to 1k
1
kHz
Slew Rate(4)
SR
VS = 5V, All Gains, CL = 100pF
Filter Limited
Settling Time(4), 0.1%
tS 1kHz Filter, G = 1 to 1k, VO = 2V step, CL = 100pF
0.95
ms
0.01%
1.3
ms
0.1%
10kHz Filter, G = 1 to 1k, VO = 2V step, CL = 100pF
130
µs
0.01%
160
µs
Overload Recovery(4)
1kHz Filter, 50% Output Overload, G = 1 to 1k
30
µs
10kHz Filter, 50% Output Overload, G = 1 to 1k
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com