Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUMBER Datasheet(PDF) 1 Page - Texas Instruments

Part # NUMBER
Description  INSTRUMENTATION AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NUMBER Datasheet(HTML) 1 Page - Texas Instruments

  NUMBER Datasheet HTML 1Page - Texas Instruments NUMBER Datasheet HTML 2Page - Texas Instruments NUMBER Datasheet HTML 3Page - Texas Instruments NUMBER Datasheet HTML 4Page - Texas Instruments NUMBER Datasheet HTML 5Page - Texas Instruments NUMBER Datasheet HTML 6Page - Texas Instruments NUMBER Datasheet HTML 7Page - Texas Instruments NUMBER Datasheet HTML 8Page - Texas Instruments NUMBER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
INA337
INA338
SBOS248 – JUNE 2002
www.ti.com
DESCRIPTION
The INA337 and INA338 (with shutdown) are high tempera-
ture, high-performance, low-cost, precision instrumentation
amplifiers. They are true single-supply instrumentation ampli-
fiers with very-low DC errors and input common-mode ranges
that extends beyond the positive and approaches the nega-
tive rail. These features make them suitable for applications
ranging from general-purpose to high-accuracy.
Excellent long-term stability and very low 1/f noise assure
low offset voltage and drift throughout the life of the product.
The INA337 (without shutdown) comes in the MSOP-8 pack-
age. The INA338 (with shutdown) is offered in MSOP-10.
Both are specified over the temperature range, –40
°C to
+125
°C.
FEATURES
q PRECISION
LOW OFFSET: 100
µV (max)
LOW OFFSET DRIFT: 0.4
µV/°C (max)
EXCELLENT LONG-TERM STABILITY
VERY-LOW 1/f NOISE
q SMALL SIZE
microPACKAGE: MSOP-8, MSOP-10
q LOW COST
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
Wide-Temperature, Precision
INSTRUMENTATION AMPLIFIER
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q LOW-LEVEL TRANSDUCER AMPLIFIER FOR
BRIDGES, LOAD CELLS, THERMOCOUPLES
q WIDE DYNAMIC RANGE SENSOR
MEASUREMENTS
q HIGH-RESOLUTION TEST SYSTEMS
q WEIGH SCALES
q MULTI-CHANNEL DATA ACQUISITION
SYSTEMS
q MEDICAL INSTRUMENTATION
q AUTOMOTIVE APPLICATIONS
q GENERAL-PURPOSE
INA337 AND INA338 RELATED PRODUCTS
PRODUCT
FEATURES
INA326
Precision, Rail-to-Rail I/O, 2.4mA IQ
INA114
50
µV V
OS, 0.5nA IB, 115dB CMR, 3mA IQ, 0.25µV/°C drift
INA118
50
µV V
OS, 1nA IB, 120dB CMR, 385µA IQ, 0.5µV/°C drift
INA122
250
µV V
OS, –10nA IB, 85µA IQ, Rail-to-Rail Output, 3µV/°C drift
INA128
50
µV V
OS, 2nA IB, 125dB CMR, 750µA IQ, 0.5µV/°C drift
INA321
500
µV V
OS, 0.5pA IB, 94dB CMRR, 60µA IQ, Rail-to-Rail Output
INA337
R
1
R
2
C
2
V
IN–
V
IN+
7
V+
4
V–
V
O
5
6
2
1
8
3
G = 2(R
2/R1)
INA33
8
INA3
37


Similar Part No. - NUMBER

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
Number VCC-Number Datasheet
54Kb / 1P
Sub-Midget Flange Base
logo
Allied Components Inter...
Number ALLIED-Number Datasheet
406Kb / 1P
Ceramic Core Chip Inductors
logo
Littelfuse
NUMBER LITTELFUSE-NUMBER Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
2025
More results

Similar Description - NUMBER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1201 CADEKA-CLC1201 Datasheet
1Mb / 15P
Instrumentation Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
INSTRUMENTATION AMPLIFIER
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com