Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7469 Datasheet HTML 1Page - STMicroelectronics TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TDA7469
2/13
Table 2. ABSOLUTE MAXIMUM RATINGS
Figure 3. PIN CONNECTIONS (Top view)
Table 3. THERMAL DATA
Table 4. QUICK REFERENCE DATA
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
5.5
V
Tamb
Operating Ambient Temperature
0 to 70
°C
Tstg
Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
85
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
2.4
5.0
V
Vps
Power Supply Voltage
1.5
2.4
5.0
V
Pomax
Maximum output power
5
8
mW
THD
Total Harmonic Distortion V = 0.1Vrms f = 1KHz
0.1
0.5
%
Volume Control (1dB step)
-63
6
dB
Treble Control
0
12
dB
Bass Control
0
14
dB
Mute Attenuation
90
dB
VS
IN1-L
IN2-L
MUX-L
TREBLE-L
BASSO-L
BASSI-L
PGND-L
OUT-L
OUT-R
PGND-R
BASSO-R
TREBLE-R
BASSI-R
MUX-R
IN2-R
IN1-R
CREF
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
PVS-L
PVS-R
D01AU1246
SDA
ALC
11
14
13
12
SCL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com