Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7469 Datasheet HTML 1Page - STMicroelectronics TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
TDA7469
June 2004
1FEATURES
■
2 STEREO INPUT
■
1 STEREO OUTPUT
■
TREBLE BOOST
■
BASS CONTROL
■
BASS AUTOMATIC LEVEL CONTROL
■
VOLUME CONTROL IN 1dB STEPS
■
MUTE
■
STAND-BY FUNCTION SOFTWARE
CONTROLLED
■
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2DESCRIPTION
The TDA7469 is a volume tone (bass and treble) pro-
cessor for quality audio applications in Low voltage
supply portable systems.
Bass ALC (Automatic Level Control) function can be
adjusted by a dedicated pin. The control of all the
functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational ampli-
fiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH
HEADPHONE POWER AMPLIFIER
Figure 2. Block Diagram
IN1-R
ALC
IN2-L
0.47
µF
0.47
µF
SUPPLY
SUPPLY
SUPPLY
VS
GND
CREF
TREBLE-L
D00AU1234
I2C BUS DECODER + LATCHES
SCL
SDA
PVS-L
PGND-L
PGND-R
PVS-R
OUT-L
OUT-R
220
µF
22
µF
TREBLE-R
MUX_R
MUX_L
RB
RB
BASSI-R
BASSO-R
x1
x1
0.47
µF
TREBLE
VOLUME
VOLUME
+6dB
÷
0dB
+6dB
÷
-63dB
+6dB
÷
0dB
3.3nF
+6dB
÷
-63dB
TREBLE
BASS
BASS
BASS_ALC
CONTROL
HALF_WAVE
RECTIFIER
25K
25K
VREF
gm
68nF
3.3nF
68nF
68nF
68nF
5.6K
5.6K
16
Ω or
32
Ω
16
Ω or
32
Ω
220
µF
BASSO-L
BASSI-L
IN2-R
0.47
µF
25K
25K
25K
25K
25K
25K
gm
IN1-L
0.47
µF
REV. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7469
SSOP24
TDA746913TR
Tape & Reel
SSOP24


Similar Part No. - TDA7469

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
TDA746913TR STMICROELECTRONICS-TDA746913TR Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
More results

Similar Description - TDA7469

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com