Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7469 Datasheet HTML 1Page - STMicroelectronics TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA7469
4/13
3
DATA BYTES
Address = (HEX) 10001000
3.1 FUNCTION SELECTION:
The first byte (subaddress)
Table 6.
B = 1 incremental bus; active
B = 0 no incremental bus
;X = indifferent 0,1
Table 7. VOLUME
VOLUME : +6 x -63dB
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
000
VOLUME
X
X
X
B
0
0
0
1
TREBLE & BASS
X
X
X
B
0
0
1
0
INPUT & MUTE
X
X
X
B
0
0
1
1
STAND-BY & OTHERS
X
X
X
B
0
1
0
0
BASS ALC1
X
X
X
B
0
1
0
1
BASS ALC2
MSB
LSB
VOLUME
D7
D6
D5
D4
D3
D2
D1
D0
GAIN
00
6
01
4
10
2
11
0
1 dB STEPS
00
0
0
00
1
-1
01
0
-2
01
1
-3
10
0
-4
10
1
-5
11
0
-6
11
1
-7
8 dB STEPS
00
0
0
00
1
-8
01
0
-16
01
1
-24
10
0
-32
10
1
-40
11
0
-48
11
1
-56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com