Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145UA/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA145UA/2K5 Datasheet HTML 1Page - Texas Instruments INA145UA/2K5 Datasheet HTML 2Page - Texas Instruments INA145UA/2K5 Datasheet HTML 3Page - Texas Instruments INA145UA/2K5 Datasheet HTML 4Page - Texas Instruments INA145UA/2K5 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
INA145
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA145UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE, VO
RTI(1, 2)
Input Offset Voltage
VOS
VCM = VO = 0V
±0.2
±1mV
vs Temperature
∆V
OS /∆T
See Typical Curve
vs Power Supply
PSRR
VS = ±1.35V to ±18V
±20
±60
µV/V
vs Time
±0.3
µV/mo
Offset Voltage, V01
RTI(1, 2)
±0.4
mV
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(VIN+) – (VIN–) = 0V, VO = 0V
2(V–)
2(V+) –2
V
Common-Mode Rejection
CMRR
VCM = 2(V–) to 2(V+) – 2V, RS = 0Ω
76
86
dB
Over Temperature
VS = ±15V
70
80
dB
INPUT BIAS CURRENT(2)
VCM = VS/2
Bias Current
IB
±50
nA
Offset Current
IOS
±5nA
INPUT IMPEDANCE
Differential (non-inverting input)
80
k
Ω
Differential (inverting input)
27
k
Ω
Common-Mode
40
k
Ω
NOISE
RTI(1, 3)
Voltage Noise, f = 0.1Hz to 10Hz
2
µVp-p
Voltage Noise Density, f = 1kHz
en
90
nV/
√Hz
GAIN
G = 1 to 1000
Gain Equation
G = 1 + RG2 /RG1
V/ V
Initial(1)
1V/V
Gain Error
RL = 100kΩ, VO = (V–)+0.15 to (V+)–1, G = 1
±0.01
±0.1
%
vs Temperature
RL = 100kΩ, VO = (V–)+0.25 to (V+)–1, G = 1
±2
±10
ppm /
°C
RL = 10kΩ, VO = (V–)+0.3 to (V+)–1.25, G = 1
±0.01
±0.1
%
vs Temperature
RL = 10kΩ, VO = (V–)+0.5 to (V+)–1.25, G = 1
±2
±10
ppm /
°C
Nonlinearity
RL = 10kΩ, VO = (V–)+0.3 to (V+)–1.25, G = 1
±0.0002
±0.005
% of FS
FREQUENCY RESPONSE
Small Signal Bandwidth
G = 1
500
kHz
G = 10
50
kHz
Slew Rate
0.45
V/
µs
Settling Time, 0.1%
G = 1, 10V Step
40
µs
0.01%
G = 1, 10V Step
90
µs
Overload Recovery
50% Input Overload
40
µs
OUTPUT, VO
Voltage Output
RL = 100kΩ, G = 1
(V–) + 0.15
(V+) – 1
V
Over Temperature
RL = 100kΩ, G = 1
(V–) + 0.25
(V+) – 1
V
RL = 10kΩ, G = 1
(V–) + 0.3
(V+) – 1.25
V
Over Temperature
RL = 10kΩ, G = 1
(V–) + 0.5
(V+) – 1.25
V
Short-Circuit Current
Continuous to Common
±15
mA
Capacitive Load
Stable Operation
1000
pF
POWER SUPPLY
Specified Voltage Range, Dual Supplies
±2.25
±18
V
Operating Voltage Range
±1.35
±18
V
Quiescent Current
VIN = 0, IO = 0
±570
±700
µA
Over Temperature
±800
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance
θ
JA
150
°C/W
NOTES: (1) Referred to input pins (VIN+ and VIN–), Gain = 1V/V. Specified with 10kΩ in feedback of A2. (2) Input offset voltage specification includes effects of amplifier’s
input bias and offset currents. (3) Includes effects of input bias current noise and thermal noise contribution of resistor network.
SPECIFICATIONS: VS = ±2.25V to ±18V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, G = 1, RL = 10kΩ connected to ground and ref pin connected to ground unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com