Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments INA145UA/2K5 Datasheet HTML 10Page - Texas Instruments INA145UA/2K5 Datasheet HTML 11Page - Texas Instruments INA145UA/2K5 Datasheet HTML 12Page - Texas Instruments INA145UA/2K5 Datasheet HTML 13Page - Texas Instruments INA145UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
INA145
FIGURE 4. Noise Filtering.
FIGURE 5. Creating Gains Less Than Unity.
FIGURE 6. Clamp Circuits.
V
O
18
6
V
IN
G = 1
Pole at
106Hz
R
G1
10k
Ω
10k
Ω
R
G2
1M
Ω
22nF
INA145
5
2
3
1500pF
Pole at
720Hz
–
V
IN
+
V
O
1
8
6
R
G2
10k
Ω
R
1
R
2
R
3
R
4
10k
Ω
5.0V
or Analog-to-Digital V
S
0V
≤ V
O ≤ 5V
NOTE: (1) 1/2 OPA2342 with V
S connected to +5V and GND.
Voltage
Reference
1N914
INA145
5
2
3
V
IN
–
V
IN
+
(1)
1N914
(1)
To Pin 8
Alternate
Soft Clamp
1N914
1N4684
(3.3V)
V
O
10k
Ω
INA145
5
6
8
1
2
3
V
IN
–
V
IN
+
R
3
R
4
G =
G
≤ 1
R
3 + R4
R
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com