Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA145UA/2K5 Datasheet HTML 1Page - Texas Instruments INA145UA/2K5 Datasheet HTML 2Page - Texas Instruments INA145UA/2K5 Datasheet HTML 3Page - Texas Instruments INA145UA/2K5 Datasheet HTML 4Page - Texas Instruments INA145UA/2K5 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
INA145
®
INA145
©1999 Burr-Brown Corporation
PDS-1567B
Printed in U.S.A. March, 2000
Programmable Gain
DIFFERENCE AMPLIFIER
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
DESCRIPTION
The INA145 is a precision, unity-gain difference
amplifier consisting of a precision op amp and on-
chip precision resistor network. Two external resistors
set the gain from 1V/V to 1000V/V. The input com-
mon-mode voltage range extends beyond the positive
and negative rails.
On-chip precision resistors are laser-trimmed to achieve
accurate gain and high common-mode rejection. Ex-
cellent TCR tracking of these resistors assures contin-
ued high precision over temperature.
The INA145 is available in the SO-8 surface-mount
package specified for the extended industrial tempera-
ture range, –40
°C to +85°C.
FEATURES
q DIFFERENTIAL GAIN = 1V/V TO 1000V/V:
Set with External Resistors
q LOW QUIESCENT CURRENT: 570
µA
q WIDE SUPPLY RANGE:
Single Supply: 4.5V to 36V
Dual Supplies:
±2.25V to ±18V
q HIGH COMMON-MODE VOLTAGE:
+8V at VS = +5V
±28V at V
S = ±15V
q LOW GAIN ERROR: 0.01%
q HIGH CMR: 86dB
q SO-8 PACKAGE
APPLICATIONS
q CURRENT SHUNT MEASUREMENTS
q SENSOR AMPLIFIER
q DIFFERENTIAL LINE RECEIVER
q BATTERY POWERED SYSTEMS
INA145
R
5
10k
Ω
(1%)
A1
V
IN
INA145
V
O
R
2
40k
Ω
R
1
40k
Ω
V
IN
R
3
40k
Ω
R
4
40k
Ω
R
G1
R
G
R
G2
A2
V
01
Ref
V–
V+
G = 1
+
–
2
5
7
41
8
6
3
V
O = (VIN – VIN)(1 + RG2/RG1)
+–
SBOS120


Similar Part No. - INA145UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA145UA/2K5 TI2-INA145UA/2K5 Datasheet
250Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
23-May-2025
INA145UA/2K5.A TI2-INA145UA/2K5.A Datasheet
250Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
23-May-2025
More results

Similar Description - INA145UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
High Common-Mode Voltage Programmable Gain Difference Amplifier
4/04-Data Sheet Changed from Rev. B to Rev. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
INA146 TI1-INA146 Datasheet
332Kb / 15P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com