Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2140IPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2140IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2140IPWPR Datasheet HTML 1Page - Texas Instruments TPS2140IPWPR Datasheet HTML 2Page - Texas Instruments TPS2140IPWPR Datasheet HTML 3Page - Texas Instruments TPS2140IPWPR Datasheet HTML 4Page - Texas Instruments TPS2140IPWPR Datasheet HTML 5Page - Texas Instruments TPS2140IPWPR Datasheet HTML 6Page - Texas Instruments TPS2140IPWPR Datasheet HTML 7Page - Texas Instruments TPS2140IPWPR Datasheet HTML 8Page - Texas Instruments TPS2140IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
2
www.ti.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TPS2140/41/50/51
PWP PACKAGE
(TOP VIEW)
SW_PG
SW_IN
SW_IN
LDO_IN
SW_EN†
LDO_EN
GND
SW_PLDN
SW_OUT
SW_OUT
LDO_OUT
LDO_PLDN
ADJ
LDO_PG
† Pin 5 is active high for TPS2150 and TPS2151.
USB peripheral application
LDO
LDO_PLDN
LDO_OUT
ADJ
USB
Function
Controller
LDO_PG
LDO_IN
LDO_EN
SW_OUT
SW_PLDN
SW_PG
SW_EN
Switch
1.5 k
Ω
D+
D−
GND
5 V
TPS2151
SW_IN
5 V
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com