Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2140IPWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2140IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2140IPWPR Datasheet HTML 1Page - Texas Instruments TPS2140IPWPR Datasheet HTML 2Page - Texas Instruments TPS2140IPWPR Datasheet HTML 3Page - Texas Instruments TPS2140IPWPR Datasheet HTML 4Page - Texas Instruments TPS2140IPWPR Datasheet HTML 5Page - Texas Instruments TPS2140IPWPR Datasheet HTML 6Page - Texas Instruments TPS2140IPWPR Datasheet HTML 7Page - Texas Instruments TPS2140IPWPR Datasheet HTML 8Page - Texas Instruments TPS2140IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
4
www.ti.com
detailed description
GND
Ground
SW_IN
SW_IN is the input to an integrated N-channel MOSFET, which has a maximum on-state resistance of 65 m
Ω.
Configured as a high-side switch, the power switch prevents current, flow from OUT to IN and IN to OUT when
disabled. The power switch is rated at 500 mA, continuous current and has a dual current limit feature.
dual current limit
The current limiter for the switch limits the initial current drawn from SW_IN to 100 mA maximum. The user can
estimate the amount of time it takes to charge a capacitor (CL) connected to SW_OUT by using the following
relationship:
CL
× VI(SW_IN) / 0.1 < tCHG < CL × VI(SW_IN) / 0.05
Capacitance in farads. If VI(SW_IN) = 5 V, then
50
× CL< tCHG <100 × CL
When the voltage at output SW_OUT rises above 93% of the voltage at SW_IN, the current limit is increased
to 1800 mA maximum. The SW_PG can be used to turn on loads which may draw more than 50 mA.
In the event of an overload on SW_OUT, the protection circuit limits the current delivered to 1800 mA maximum.
As the output voltage drops and it crosses 80% of the SW_IN voltage, the current limiter reverts back to the
low-current limit mode of 100 mA maximum.
SW_IN also serves as one of the two inputs to an internal voltage selector that provides operating voltage to
the whole device. The other input to the selector is LDO_IN.
SW_OUT
SW_OUT is the output of the internal power-distribution switch.
SW_EN or SW_EN
The logic input disables or enables the power switch. This signal is active low (SW_EN) for TPS2140/41 and
active high (SW_EN) for TPS2150/51. SW_EN has an internal pullup and SW_EN has an internal pulldown.
SW_PG
SW_PG signals the presence of an undervoltage condition on SW_OUT. The pin is driven by a CMOS output
buffer and is pulled low during an undervoltage condition. To minimize erroneous SW_PG responses from
transients on the voltage rail, the voltage sense circuit incorporates a rising and falling edge deglitch filter. When
SW_OUT voltage is lower than 88% of 3.3 V for TPS2140/50, or 5 V for TPS2141/51, SW_PG goes low to
indicate an undervoltage condition on SW_OUT.
SW_PLDN
SW_PLDN is an open drain output incorporated to provide a discharge path. When the power switch is on, this
pin is open; otherwise it is pulled down to ground. When this pin is connected to SW_OUT, the output voltage
fall time is reduced but the rise time remains unaffected.
LDO_IN
The LDO_IN serves as the input to the internal LDO. The adjustable LDO has a dropout voltage of 0.5 V
maximum and is rated for 250 mA of continuous current. LDO_IN is also used as one of the two inputs for VCC
selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com