Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2140IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2140IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2140IPWPR Datasheet HTML 2Page - Texas Instruments TPS2140IPWPR Datasheet HTML 3Page - Texas Instruments TPS2140IPWPR Datasheet HTML 4Page - Texas Instruments TPS2140IPWPR Datasheet HTML 5Page - Texas Instruments TPS2140IPWPR Datasheet HTML 6Page - Texas Instruments TPS2140IPWPR Datasheet HTML 7Page - Texas Instruments TPS2140IPWPR Datasheet HTML 8Page - Texas Instruments TPS2140IPWPR Datasheet HTML 9Page - Texas Instruments TPS2140IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
6
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Input voltage range for bus switch and LDO: VI(SW_IN)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(LDO_IN)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range for bus switch and LDO:VO(SW_OUT)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO(LDO_OUT)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for pulldown transistors:
VI(SW_PLDN) ,VI(LDO_PLDN)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . .
Logic input/output voltage range:
VI(SW_EN) or VI(/SW_EN), VI(LDO_EN), VI(ADJ), VI(SW_PG),
VI(LDO_PG)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current for bus switch and LDO: IO(SW_OUT)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO(LDO_OUT)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sink current for pulldown switches:
II(SW_PLDN)
0 mA to 30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
II(LDO_PLDN)
0 mA to 30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current for logic outputs:
IO(SW_PG)
−10 mA to 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO(LDO_PG)
0 mA to 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA ≤ 85°C
POWER RATING
PWP-14
2266.7 mW
26.7 mW/
°C
1066.7 mW
666.7 mW
NOTE: This device is mounted on an JEDEC low-k board (2 oz traces on surface), 1 W power applied
with no air flow.
recommended operating conditions
MIN
MAX
UNIT
VI(SW_IN), TPS2140 and TPS2150
2.7
5.5
VI(SW_IN), TPS2141 and TPS2151
4.1
5.5
Input voltage, VI
VI(LDO_IN)
2.7
5.5
V
Input voltage, VI
VI(SW_EN) or VI(/SW_EN), VI(LDO_EN)
0
5.5
V
VI(SW_PLDN), VI(LDO_PLDN)
0
5.5
Output current, IO
IO(SW_OUT) at TJ = 110°C
0.6
A
Output current, IO
IO(LDO_OUT) at TJ =110°C
0.25‡
A
Operating virtual junction temperature, TJ
−40
110
°C
‡ Assuming the power dissipation does not exceed the device’s thermal limit. Refer to the power dissipation and junction temperature section for
the power dissipation calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com