Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS642
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS642 Datasheet HTML 1Page - Allegro MicroSystems ATS642 Datasheet HTML 2Page - Allegro MicroSystems ATS642 Datasheet HTML 3Page - Allegro MicroSystems ATS642 Datasheet HTML 4Page - Allegro MicroSystems ATS642 Datasheet HTML 5Page - Allegro MicroSystems ATS642 Datasheet HTML 6Page - Allegro MicroSystems ATS642 Datasheet HTML 7Page - Allegro MicroSystems ATS642 Datasheet HTML 8Page - Allegro MicroSystems ATS642 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS
(continued) using reference target 60-0, TA and VCC within specification, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
SWITCHPOINT CHARACTERISTICS
S
d
e
e
p
S
n
o
it
a
t
o
R
ROT
m
p
r
0
0
0
,
8
0
0
-
0
6
t
e
g
r
a
T
e
c
n
e
r
e
f
e
R
z
H
k
0
4
0
2
B
d
3
f
o
t
t
n
e
l
a
v
i
u
q
E
W
B
h
t
d
i
w
d
n
a
B
l
a
n
g
i
S
g
o
l
a
n
A
B
t
n
i
o
P
e
t
a
r
e
p
O
OP
Transitioning from ICC(High) to ICC(Low); positive peak
referenced; AG < AGMAX
120
mV
B
t
n
i
o
P
e
s
a
e
l
e
R
RP
Transitioning from ICC(Low) to ICC(High); negative peak
referenced; AG < AGMAX
120
mV
CALIBRATION
C
n
o
it
a
r
b
il
a
C
l
a
it
i
n
I
I
Quantity of rising output (current) edges required for
accurate edge detection
––3
Edge
DAC CHARACTERISTICS
Allowable User-Induced Differential
Offset
Output switching only; may not meet datasheet speci-
cations
–±60
G
FUNCTIONAL CHARACTERISTICS6
Operational Air Gap Range7
AG
m
m
5
7
.
2
5
.
0
n
o
it
a
c
if
i
c
e
p
s
n
i
h
ti
w
C
D
Maximum Operational Air Gap
Range
AGOP(max)
Output switching (no missed edges); ∆DC not guaran-
teed
––3
mm
Duty Cycle Variation
∆DC
Wobble < 0.5 mm; Typical value at AG = 1.5 mm, for
max., min., AG within specification
41–61
%
Duty Cycle Pitch Variance8
EDC
%
5
.
1
±
m
m
5
.
1
=
G
A
Operating Signal Range9
G
0
0
0
1
0
3
n
o
it
a
c
if
i
c
e
p
s
n
i
h
ti
w
g
n
it
a
r
e
p
O
g
i
S
Minimum Operating Signal
SigOP(min)
Output switching (no missed edges); ∆DC not guaran-
teed
20
G
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Please refer to Sensor Operation section, page 13.
4Power-On Time includes the time required to complete the internal automatic offset adjust. The DACs are then ready for peak acquisition.
5dI is the difference between 10% of ICC(Low) and 90% of ICC(High), and dt is time period between those two points.
Note: di/dt is dependent upon the value of the bypass capacitor, if one is used.
6Functional characteristics valid only if magnetic offset is within the specified range for Allowable User Induced Differential Offset.
7AG is dependent on the available magnetic field. The available field is dependent on target geometry and material, and should be independently char-
acterized. The field available from the reference target is given in the reference target parameter section of the datasheet.
8EDC represents the difference between consecutive duty cycles, DC(n) - DC(n-1); Mean ± 3-sigma.
9In order to remain in specification, the magnetic gradient must induce an operating signal greater than the minimum value specified. This includes the
effect of target wobble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com