Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS642
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS642 Datasheet HTML 1Page - Allegro MicroSystems ATS642 Datasheet HTML 2Page - Allegro MicroSystems ATS642 Datasheet HTML 3Page - Allegro MicroSystems ATS642 Datasheet HTML 4Page - Allegro MicroSystems ATS642 Datasheet HTML 5Page - Allegro MicroSystems ATS642 Datasheet HTML 6Page - Allegro MicroSystems ATS642 Datasheet HTML 7Page - Allegro MicroSystems ATS642 Datasheet HTML 8Page - Allegro MicroSystems ATS642 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
t
i
n
U
g
n
i
t
a
R
s
e
t
o
N
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
V
e
g
a
tl
o
V
y
l
p
p
u
S
CC
28
V
Reverse_Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
C
º
0
5
1
o
t
0
4
L
e
g
n
a
R
Maximum Junction Temperature
TJ
C
º
5
6
1
)
x
a
m
(
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
–65 to 170
ºC
Selection Guide
Part Number
ICC
*
g
n
i
k
c
a
P
l
a
c
i
p
y
T
ATS642LSHTN-I1-T
6.0 Low to 14.0 High mA
Tape and reel, 13-inch reel 800 pieces/reel
ATS642LSHTN-I2-T
7.0 Low to 14.0 High mA
*Contact Allegrofor additional packing options
ing speed and duty cycle information in ABS (antilock braking
systems). The 1.5 mm Hall element spacing is optimized for fine
pitch gear-tooth-based configurations. The package is lead (Pb)
free, with 100% matte tin leadframe plating.
Description (continued)
Pin-out Diagram
Terminal List
n
o
i
t
c
n
u
F
e
m
a
N
r
e
b
m
u
N
1
VCC
Connects power supply to chip
2
NC
No connection
3
Test pin
Float or tie to GND
4
GND
Ground terminal
24
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com