Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS642
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS642 Datasheet HTML 1Page - Allegro MicroSystems ATS642 Datasheet HTML 2Page - Allegro MicroSystems ATS642 Datasheet HTML 3Page - Allegro MicroSystems ATS642 Datasheet HTML 4Page - Allegro MicroSystems ATS642 Datasheet HTML 5Page - Allegro MicroSystems ATS642 Datasheet HTML 6Page - Allegro MicroSystems ATS642 Datasheet HTML 7Page - Allegro MicroSystems ATS642 Datasheet HTML 8Page - Allegro MicroSystems ATS642 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS
using reference target 60-0, TA and VCC within specification, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage2
VCC
Operating; TJ
V
4
2
–
0
.
4
C
°
5
6
1
<
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V and 5 →
V
0
.
4
–
–
V
0
Supply Zener Clamp Voltage
VZ
ICC = ICC(max) + 3 mA; TA = 25°C
28
–
–
V
Supply Zener Current
IZ
Test conditions only; VZ = 28 V
–
–
ICC(max)+
3 mA
mA
Supply Current
ICC(Low)
A
m
0
.
8
0
.
6
0
.
4
1
I
-
H
S
L
2
4
6
S
T
A
A
m
4
.
8
0
.
7
9
.
5
2
I
-
H
S
L
2
4
6
S
T
A
ICC(High)
A
m
0
.
6
1
0
.
4
1
0
.
2
1
1
I
-
H
S
L
2
4
6
S
T
A
A
m
8
.
6
1
0
.
4
1
8
.
1
1
2
I
-
H
S
L
2
4
6
S
T
A
Supply Current Ratio
ICC(High)
/
ICC(Low)
Ratio of high current to low current
1.85
–
3.05
–
Reverse Battery Current
IRCC
VRCC
A
m
5
–
–
–
V
8
1
–
=
POWER-ON STATE CHARACTERISTICS
Power-On State3
POS
t > tPO
–ICC(High)
––
Power-On Time4
tPO
s
m
2
1
–
m
p
r
0
0
1
<
d
e
e
p
s
r
a
e
g
t
e
g
r
a
T
OUTPUT STAGE
Output Slew Rate5
dI/dt
RLOAD = 100 Ω, CLOAD = 10 pF
–
10
–
mA/μs
Continued on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com