Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  LMX321 Datasheet HTML 1Page - Maxim Integrated Products LMX321 Datasheet HTML 2Page - Maxim Integrated Products LMX321 Datasheet HTML 3Page - Maxim Integrated Products LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V, VEE = 0, VOUT = VCC/2, VCM = 1V, RL > 1MΩ, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................-0.3V to +8V
Differential Input Voltage (VIN+ - VIN-) ........................VEE to VCC
OUT_ to VEE ...............................................-0.3V to (VCC + 0.3V)
Output Short-Circuit Duration
OUT_ Shorted to VCC or VEE..................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70-5 (derate 3.1mW/°C above +70°C)...........247mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW
8-Pin SOT23-8 (derate 7.52mW/°C above +70°C) ......602mW
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
14-Pin SO (derate 8.3mW/°C above +70°C)................667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
Input Offset Voltage
VOS
16
mV
Input Offset Voltage Average
Drift
TCVOS
6
µV/
oC
Input Bias Current
IB
18
50
nA
Input Offset Current
IOS
18
nA
Common-Mode Rejection
Ratio
CMRR
-0.2V < VCM < 1.8V
72
92
dB
Power-Supply Rejection Ratio
PSRR
2.3V < VCC < 7V, VOUT = 1V
82
96
dB
Limit
-0.2
1.8
Input Common-Mode Voltage
Range
VCM
For CMRR > 72dB
Typ
-0.2
1.9
V
Large-Signal Voltage Gain
AVOL
RL = 2kΩ to VEE, 0.3V < VOUT < 2.4V
20
120
V/mV
VCC - VOH
12
50
RL = 10kΩ to 1.35V
VOL
10
40
VCC - VOH
40
110
Output Voltage Swing
VOUT
RL = 2kΩ to 1.35V
VOL
25
60
mV
LMX321 (Single)
105
150
LMX358 (Dual)
210
300
Supply Current
ICC
LMX324 (Quad)
420
600
µA
AC Characteristics
Slew Rate
SR
1V step Input
1
V/µs
Gain-Bandwidth Product
GBW
CL = 200pF
1.3
MHz
Phase Margin
φM
64
degrees
Gain Margin
GM
24
dB
Input Noise Voltage Density
en
f = 1kHz
66
nV/
√Hz
Input Current Noise Density
in
f = 1kHz
0.13
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com