Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LMX321 Datasheet HTML 3Page - Maxim Integrated Products LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products LMX321 Datasheet HTML 10Page - Maxim Integrated Products LMX321 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0, unless otherwise noted.)
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACTIVE LOAD
LMX321 toc19
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 600Ω TO VEE
AVCL = 60dB, VOUT = 0
CL = 500pF
CL = 1nF
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACITIVE LOAD
LMX321 toc20
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 100kΩ TO VEE
AVCL = 60dB, VOUT = 0
CL = 100pF
CL = 500pF
CL = 1nF
CL = 1nF
CL = 500pF
CL = 100pF
CL = 0
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND TEMPERATURE
LMX321 toc21
FREQUENCY (Hz)
VCC = 2.5V, VEE = -2.5V
RL = 2kΩ TO VEE
AVCL = 60dB, VOUT = 0
TA = +125°C
TA = -40°C
TA = +25°C
TA = +85°C
TA = -25°C
TA = -40°C
TA = +25°C
TA = +85°C
0.96
1.00
0.98
1.04
1.02
1.08
1.06
1.10
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
SLEW RATE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE
RISING EDGE
FALLING EDGE
RL = 10kΩ
VIN = 1V STEP, AVCL = +1V/V
NONINVERTING
LARGE-SIGNAL RESPONSE
LMX321 toc24
VIN
1V/div
VOUT
1V/div
1
µs/div
RL = 2kΩ
VCC = 5V
NONINVERTING
SMALL-SIGNAL RESPONSE
LMX321 toc25
VIN
100mV/div
VOUT
100mV/div
1
µs/div
RL = 2kΩ
VCC = 5V
10
1
0.1
0.01
0.001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V, AV = +10, VOUT = 1Vp-p
VCC = 5V, AV = +10, VOUT = 2.5Vp-p
VCC = 2.7V, AV = +1, VOUT = 1Vp-p
VCC = 5V, AV = +1, VOUT = 2.5Vp-p
0
500
1000
1500
2000
2500
3000
3500
4000
100
1k
10k
100k
CAPACITIVE-LOAD STABILITY
LOAD RESISTANCE (
Ω)
UNSTABLE
STABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com