Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 3 Page - Maxim Integrated Products

  LMX321 Datasheet HTML 1Page - Maxim Integrated Products LMX321 Datasheet HTML 2Page - Maxim Integrated Products LMX321 Datasheet HTML 3Page - Maxim Integrated Products LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V, VEE = 0, VOUT = VCC/2, VCM = 1V, RL > 1MΩ, TA = -40°C to +125°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
Input Offset Voltage
VOS
9mV
Input Bias Current
IB
70
nA
Input Offset Current
IOS
15
nA
Common-Mode Rejection
Ratio
CMRR
-0.1 < VCM < 1.7V
60
dB
Power-Supply Rejection Ratio
PSRR
2.3V < VCC < 7V, VOUT = 1V
75
dB
Limit
-0.1
1.7
Input Common-Mode Voltage
Range
VCM
For CMRR > 60dB
Typ
-0.1
1.8
V
Large-Signal Voltage Gain
AVOL
RL = 2kΩ to VEE, 0.3V < VOUT < 2.4V
10
V/mV
VCC - VOH
130
RL = 10kΩ to 1.55V
VOL
50
VCC - VOH
150
Output Voltage Swing
VOUT
RL = 2kΩ to 1.35V
VOL
70
mV
LMX321 (Single)
180
LMX358 (Dual)
360
Supply Current
ICC
LMX324 (Quad)
720
µA
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VOUT = VCC/2, VCM = 2V, RL > 1MΩ, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
Input Offset Voltage
VOS
16
mV
Input Offset Voltage Average
Drift
TCVOS
6
µV/
oC
Input Bias Current
IB
18
50
nA
Input Offset Current
IOS
18
nA
Common-Mode Rejection Ratio
CMRR
-0.2 < VCM < 4.1V
72
92
dB
Power-Supply Rejection Ratio
PSRR
2.3V < VCC < 7V, VOUT = 1V,
VCM = 1V
82
96
dB
Limit
-0.2
4.1
Input Common-Mode Voltage
Range
VCM
For CMRR > 72dB
Typ
-0.2
4.2
V
Large-Signal Voltage Gain
AVOL
RL = 2kΩ to VEE,
0.3V < VOUT < 4.7V
40
200
V/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com