Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C387 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS89C387
Description  Twelve Channel CMOS Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C387 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS89C387 Datasheet HTML 2Page - National Semiconductor (TI) DS89C387 Datasheet HTML 3Page - National Semiconductor (TI) DS89C387 Datasheet HTML 4Page - National Semiconductor (TI) DS89C387 Datasheet HTML 5Page - National Semiconductor (TI) DS89C387 Datasheet HTML 6Page - National Semiconductor (TI) DS89C387 Datasheet HTML 7Page - National Semiconductor (TI) DS89C387 Datasheet HTML 8Page - National Semiconductor (TI) DS89C387 Datasheet HTML 9Page - National Semiconductor (TI) DS89C387 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Pin Descriptions
TABLE 2. Device Pin Names and Descriptions
Pin #
Pin
Name
Pin Description
7, 8, 15, 16, 22, 23,
DI
TTL/CMOS Compatible Driver Input
31, 32, 39, 40, 46, 47
2, 6, 9, 13, 17, 21,
DO
Non-Inverting Driver Output Pin
26, 30, 33, 37, 41, 45
3, 5, 10, 12, 18, 20,
DO*
Inverting Driver Output Pin
27, 29, 34, 36, 44, 44
4, 11, 19, 28, 35, 43
EN
Active High Dual Driver Enabling Pin
38
V
CC
Positive Power Supply Pin +5 ±10%
14, 24
GND
Device Ground Pin
1, 25, 48
NC
Unused Pin (NOT CONNECTED)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com