Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C387 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS89C387
Description  Twelve Channel CMOS Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C387 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS89C387 Datasheet HTML 1Page - National Semiconductor (TI) DS89C387 Datasheet HTML 2Page - National Semiconductor (TI) DS89C387 Datasheet HTML 3Page - National Semiconductor (TI) DS89C387 Datasheet HTML 4Page - National Semiconductor (TI) DS89C387 Datasheet HTML 5Page - National Semiconductor (TI) DS89C387 Datasheet HTML 6Page - National Semiconductor (TI) DS89C387 Datasheet HTML 7Page - National Semiconductor (TI) DS89C387 Datasheet HTML 8Page - National Semiconductor (TI) DS89C387 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5 to 7.0V
DC Voltage (V
IN)
−1.5 to V
CC +1.5V
DC Output Voltage (V
OUT)
−0.5 to 7V
Clamp Diode Current (I
IK,IOK)
±20 mA
DC Output Current, per pin (I
OUT)
±150 mA
DC V
CC or GND Current (ICC)
±500 mA
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Maximum Power Dissipation (P
D) @ 25˚C (Note 3)
SSOP Package
1359 mW
Lead Temperature (T
L)
(Soldering 4 sec.)
260˚C
This device does not meet 2000V ESD rating. (Note 11)
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.50
5.50
V
DC Input or Output Voltage (V
IN,VOUT)0
V
CC
V
Operating Temperature Range (T
A)
DS89C387T
−40
+85
˚C
Input Rise or Fall Times (t
r,tf)
500
ns
DC Electrical Characteristics (Notes 2, 4)
V
CC = 5V ±10% (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
High Level Input
2.0
V
CC
V
Voltage
V
IL
Low Level Input
GND
0.8
V
Voltage
V
OH
High Level Output
V
IN = VIH or VIL,
2.5
3.4
V
Voltage
I
OUT = −20 mA
V
OL
Low Level Output
V
IN = VIH or VIL,
0.3
0.5
V
Voltage
I
OUT = 48 mA
V
T
Differential Output
R
L = 100Ω
2.0
3.1
V
Voltage
(Note 5)
|V
T|– |VT|
Difference In
R
L = 100Ω
0.4
V
Differential Output
(Note 5)
V
OS
Common Mode
R
L = 100Ω
2.0
3.0
V
Output Voltage
(Note 5)
|V
OS–VOS|
Difference In
R
L = 100Ω
0.4
V
Common Mode Output
(Note 5)
I
IN
Input Current
V
IN = VCC, GND, VIH,orVIL
±1.0
µA
I
CC
Quiescent Supply
I
OUT = 0 µA,
600
1500
µA
Current
V
IN = VCC or GND
V
IN = 2.4V or 0.5V (Note 6)
0.8
2.0
mA
I
OZ
TRI-STATE Output
V
OUT = VCC or GND
±0.5
±5.0
µA
Leakage Current
Control = V
IL
I
SC
Output Short
V
IN = VCC or GND
−30
−115
−150
mA
Circuit Current
(Notes 5, 7)
I
OFF
Power Off Output
V
CC = 0V
V
OUT = 6V
100
µA
Leakage Current
(Note 5)
V
OUT = −0.25V
−100
µA
Note 1: Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The table of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: Unless otherwise specified, all voltages are referenced to ground. All currents into device pins are positive; all currents out of device pins are negative.
Note 3: Ratings apply to ambient temperature at 25˚C. Above this temperature derate SSOP (MEA) Package 10.9 mW/˚C.
Note 4: Unless otherwise specified, min/max limits apply across the −40˚C to 85˚C temperature range. All typicals are given for VCC = 5V and TA = 25˚C.
Note 5: See TIA/EIA-422-B for exact test conditions.
Note 6: Measured per input. All other inputs at VCC or GND.
Note 7: This is the current sourced when a high output is shorted to ground. Only one output at a time should be shorted.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com