Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C387 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS89C387
Description  Twelve Channel CMOS Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C387 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS89C387 Datasheet HTML 1Page - National Semiconductor (TI) DS89C387 Datasheet HTML 2Page - National Semiconductor (TI) DS89C387 Datasheet HTML 3Page - National Semiconductor (TI) DS89C387 Datasheet HTML 4Page - National Semiconductor (TI) DS89C387 Datasheet HTML 5Page - National Semiconductor (TI) DS89C387 Datasheet HTML 6Page - National Semiconductor (TI) DS89C387 Datasheet HTML 7Page - National Semiconductor (TI) DS89C387 Datasheet HTML 8Page - National Semiconductor (TI) DS89C387 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS89C387
Twelve Channel CMOS Differential Line Driver
General Description
The DS89C387 is a high speed twelve channel CMOS differ-
ential driver that meets the requirements of TIA/EIA-422-B.
The DS89C387 features a low I
CC specification of 1.5 mA
maximum, which makes it ideal for battery powered and
power conscious applications. The device replaces three
DS34C87s and offers a PC board space savings up to 30%.
The twelve channel driver is available in a SSOP package.
The device is ideal for wide parallel bus applications.
Each TRI-STATE® enable (EN) allows the driver outputs to
be active or in a HI-impedance off state. Each enable is com-
mon to only two drivers for flexibility and control. The drivers
may be disabled to turn off load current and to save power
when data is not being transmitted.
The driver’s input (DI) is compatible with both TTL and
CMOS signal levels.
Features
n Low power ICC: 1.5 mA maximum
n Meets TIA/EIA-422-B (RS-422)
n Guaranteed AC parameters:
— Maximum driver skew
−3 ns
— Maximum transition time
−10 ns
n Available in SSOP packaging:
— Requires 30% less PCB space than 3 DS34C87TMs
Connection Diagram
Functional Diagram
Truth Table
Enable
Input
Outputs
EN
DI
DO
DO*
LX
Z
Z
HH
H
L
HL
L
H
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
48L SSOP
DS89C387
DS012086-1
Order Number DS89C387TMEA
See NS Package Number MS48A
DS012086-2
1/6 of package
May 1995
© 1998 National Semiconductor Corporation
DS012086
www.national.com


Similar Part No. - DS89C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C387 NSC-DS89C387 Datasheet
304Kb / 12P
Twelve Channel CMOS Differential Line Driver
DS89C387TMEA NSC-DS89C387TMEA Datasheet
304Kb / 12P
Twelve Channel CMOS Differential Line Driver
DS89C387TMEA NSC-DS89C387TMEA Datasheet
317Kb / 12P
DS89C387 Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C387TMEA TI1-DS89C387TMEA Datasheet
339Kb / 15P
Twelve Channel CMOS Differential Line Driver
DS89C387TMEA/NOPB TI1-DS89C387TMEA/NOPB Datasheet
339Kb / 15P
Twelve Channel CMOS Differential Line Driver
More results

Similar Description - DS89C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T Datasheet
231Kb / 8P
CMOS Quad TRISTATE Differential Line Driver
DS34LV87T NSC-DS34LV87T Datasheet
125Kb / 7P
Enhanced CMOS Quad Differential Line Driver
DS89C386 NSC-DS89C386 Datasheet
156Kb / 10P
Twelve Channel CMOS Differential Line Receiver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DC89C386 NSC-DC89C386 Datasheet
570Kb / 10P
Twelve Channel CMOS Differential Line Receiver
DS89C387_06NNN NSC-DS89C387_06NNN Datasheet
304Kb / 12P
Twelve Channel CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS89C387TMEA NSC-DS89C387TMEA Datasheet
317Kb / 12P
DS89C387 Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C386 TI1-DS89C386_16 Datasheet
324Kb / 13P
Twelve Channel CMOS Differential Line Receiver
DS89C387 TI1-DS89C387_16 Datasheet
339Kb / 15P
Twelve Channel CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com