Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88331 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 103Page - NXP Semiconductors PCF88331 Datasheet HTML 104Page - NXP Semiconductors PCF88331 Datasheet HTML 105Page - NXP Semiconductors PCF88331 Datasheet HTML 106Page - NXP Semiconductors PCF88331 Datasheet HTML 107Page - NXP Semiconductors PCF88331 Datasheet HTML 108Page - NXP Semiconductors PCF88331 Datasheet HTML 109Page - NXP Semiconductors PCF88331 Datasheet HTML 110Page - NXP Semiconductors PCF88331 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
2003 Feb 14
107
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 100 Bonding pad dimensions
ITEM
DIMENSIONS
UNIT
Minimum bump pitch
columns: 46.464
µm
all other: 52.800
Bump dimensions
columns: 28.424
× 105.248
µm
all other: 32.736
× 95.348
Bump height
15
µm
Wafer thickness (excluding bumps)
381
µm
handbook, full pagewidth
MGU974
22.93 mm
2.34
mm
PC8833-1
x
y
pitch
Fig.61 Bonding pads dimensions.
MGU975
handbook, halfpage
x center
y center
80
µm
Fig.62 Alignment circle detail (80
µm diameter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com