Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88331 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 104Page - NXP Semiconductors PCF88331 Datasheet HTML 105Page - NXP Semiconductors PCF88331 Datasheet HTML 106Page - NXP Semiconductors PCF88331 Datasheet HTML 107Page - NXP Semiconductors PCF88331 Datasheet HTML 108Page - NXP Semiconductors PCF88331 Datasheet HTML 109Page - NXP Semiconductors PCF88331 Datasheet HTML 110Page - NXP Semiconductors PCF88331 Datasheet HTML 111Page - NXP Semiconductors PCF88331 Datasheet HTML 112Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
2003 Feb 14
108
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
18 TRAY INFORMATION
handbook, full pagewidth
MGU979
D
C
x
y
F
E
B
Fig.63 Tray details.
Table 101 Tray dimensions
handbook, halfpage
MGU980
Fig.64 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of the
IC type name on the die surface with respect to the chamfer on the
upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
DIMENSIONS
DESCRIPTION
VALUE
B
pocket pitch y direction
4.45 mm
C
pocket width x direction
23.07 mm
D
pocket width y direction
2.47 mm
E
tray width x direction
50.8 mm
F
tray width y direction
50.8 mm
x
number of pockets in
x direction
1
y
number of pockets in
y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com