Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ2.4B Datasheet(PDF) 4 Page - Formosa MS

Part # UDZ2.4B
Description  SMD Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ2.4B Datasheet(HTML) 4 Page - Formosa MS

  UDZ2.4B Datasheet HTML 1Page - Formosa MS UDZ2.4B Datasheet HTML 2Page - Formosa MS UDZ2.4B Datasheet HTML 3Page - Formosa MS UDZ2.4B Datasheet HTML 4Page - Formosa MS UDZ2.4B Datasheet HTML 5Page - Formosa MS UDZ2.4B Datasheet HTML 6Page - Formosa MS UDZ2.4B Datasheet HTML 7Page - Formosa MS UDZ2.4B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
ZENER VOLTAGE , V (V)
Z
FIG.1-ZENER VOLTAGE CHARACTERISTICS
Rating and characteristic curves (
)
UDZ2.4B THRU UDZ36B
0
10n
5
10
152025
35
30
40
100n
1u
10u
100u
1m
10m
100m
AMBIENT TEMPERATURE, T ( C)
A
o
FIG. 2-DRATING CURVE
0
0
25
50
100
100
200
150
300
FIG. 3-ZENER VOLTAGE-TEMP COEFFICIENT
CHARACTERISTICS
REVERSE VOLTAGE, V (V)
R
FIG. 4-V -C CHARACTERISTICS
RT
0
1
10
100
10
20
30
f = 1MHz
−.
008
−.
006
−.
004
−.
002
000
.
002
.
004
.
006
.
008
.
010
.
Iz 5mA
=
Iz 500µA
=
210
20
30
ZENER VOLTAGE Vz V
:( )
75
125
DS-221736
2009/08/10
2014/02/26
C
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com