Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ2.4B Datasheet(PDF) 3 Page - Formosa MS

Part # UDZ2.4B
Description  SMD Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ2.4B Datasheet(HTML) 3 Page - Formosa MS

  UDZ2.4B Datasheet HTML 1Page - Formosa MS UDZ2.4B Datasheet HTML 2Page - Formosa MS UDZ2.4B Datasheet HTML 3Page - Formosa MS UDZ2.4B Datasheet HTML 4Page - Formosa MS UDZ2.4B Datasheet HTML 5Page - Formosa MS UDZ2.4B Datasheet HTML 6Page - Formosa MS UDZ2.4B Datasheet HTML 7Page - Formosa MS UDZ2.4B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z@ I
ZT
ZT
Max.(V)
V@ I
ZZT
mA
I
ZK
I
R
Volts
V
R
Z@ I
ZK
ZK
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
80
110
60
100
60
100
40
100
30
30
30
30
30
30
37
42
65
85
100
120
150
200
250
300
92
22
A2
32
C2
62
E2
72
F2
82
H2
J2
L2
05
15
25
35
45
65
75
85
95
A5
C5
E5
F5
0.5
0.5
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
2.0
100
2.0
100
1.0
10.0
1.0
5.0
0.5
5.0
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.5
1.0
2.5
1.0
3.0
3.5
4.0
5.0
1.0
1.0
6.0
7.0
8.0
9.0
10.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
800
1000
500
1000
200
1000
100
1000
60
1000
60
60
60
60
60
80
80
80
80
100
100
120
150
200
250
300
Part No.
UDZ4.7B
UDZ2.4B
UDZ5.1B
UDZ2.7B
UDZ5.6B
UDZ3.6B
UDZ6.2B
UDZ3.9B
UDZ6.8B
UDZ4.3B
UDZ7.5B
UDZ8.2B
UDZ9.1B
UDZ10B
UDZ11B
UDZ12B
UDZ13B
UDZ15B
UDZ18B
UDZ20B
UDZ22B
UDZ24B
UDZ27B
UDZ30B
UDZ33B
UDZ36B
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Min.(V)
4.55
2.43
4.98
2.69
5.49
3.60
6.06
3.89
6.65
4.17
7.28
8.02
8.85
9.77
10.76
11.74
12.91
14.34
17.56
19.52
21.54
23.72
26.19
29.19
32.15
35.07
4.75
2.63
5.20
2.91
5.73
3.845
6.33
4.16
6.93
4.43
7.60
8.36
9.23
10.21
11.22
12.24
13.49
14.98
18.35
20.39
22.47
24.78
27.53
30.69
33.79
36.87
SMD Zener Diode
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
5
50
0.5
0.1
12.0
80
UDZ16B
15.85
16.51
55
Document ID
Issued Date
Revised Date
Revision
Page.
5
5
120
120
42
52
0.5
0.5
50.0
20.0
1.0
1.0
1000
1000
UDZ3.0B
UDZ3.3B
3.01
3.32
3.22
3.53
Note 1. The Zener voltage(Vz) is measured 40ms after power is supplied.
2. The operating resistances(Zzt, Zzk) are measured by superimposing a minute alternaring current on the regulated current(I ,I ).
ZT
ZK
Max
.()
Ω
Max
.()
ΩMax
.(uA)
UDZ2.4B THRU UDZ36B
DS-221736
2009/08/10
2014/02/26
C
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com