Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ2.4B Datasheet(PDF) 2 Page - Formosa MS

Part # UDZ2.4B
Description  SMD Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ2.4B Datasheet(HTML) 2 Page - Formosa MS

  UDZ2.4B Datasheet HTML 1Page - Formosa MS UDZ2.4B Datasheet HTML 2Page - Formosa MS UDZ2.4B Datasheet HTML 3Page - Formosa MS UDZ2.4B Datasheet HTML 4Page - Formosa MS UDZ2.4B Datasheet HTML 5Page - Formosa MS UDZ2.4B Datasheet HTML 6Page - Formosa MS UDZ2.4B Datasheet HTML 7Page - Formosa MS UDZ2.4B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon epitaxial planar chip structure.
Wide zener reverse voltage range 2.4V to 36V.
Very small package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
Suffix "-H" indicates Halogen-free part, ex.UDZ2.4B-H.
•
•
•
•
•
•
Package outline
Page 2
200mW Surface Mount Zener
Diodes - 2.4V-36V
PARAMETER
Symbol
P
D
MIN.
TYP.
MAX.
200
UNIT
mW
Storage temperature range
Operating temperature range
T
STG
T
J
-55
-55
+150
+150
oC
oC
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Dimensions in inches and (millimeters)
SOD-323F
0.039(1.00)
0.031(0.80)
0.071(1.80)
0.063(1.60)
0.106(2.70)
0.091(2.30)
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
•
•
•
•
•
•
SOD-323F
Approximated 0.005 gram
Document ID
Issued Date
Revised Date
Revision
Page.
Junction temperature
+150
T
OPR
oC
Power Dissipation at T =25 C
A
°
V
F
0.9
V
Forward voltage at I
F=10mA
R
θJA
Thermal Resistance from
Junction to Ambient
Junction to Case
635
oC/W
UDZ2.4B THRU UDZ36B
DS-221736
2009/08/10
2014/02/26
C
8
R
θJC
475
oC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com