Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TCP
Description  TCP1.25A,Telecom Circuit Protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TCP Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
• The first and most reliable surface mount telecom circuit
protector designed to protect against power cross faults
and comply with all surge requirements.
• Allows compliance with telecom regulatory standards
including Bellcore GR 1089, UL 1950/60950, and FCC part
68. Application circuit testing is recommended.
• Eliminates the need for a current limiting resistor.
• Protects against overcurrent conditions found in telecom
Subscriber Line Interface Cards (SLICs), xDSL Modem
Applications, Set-Top Boxes, and Consumer Premises
Equipment (CPE).
• TCP1.25A tested and confirmed compatible with
STMicroelectronics Trisil™ Transient Surge Arrestor
(list of part numbers below)
* If the device does not open at 250% within 120 seconds, increase
current to 300% of amp rating. Device must open in 10 seconds max.
Environmental Data
• Life Test: MIL-STD-202, Method 108A, Test Condition D
• Load Humidity: MIL-STD-202, Method 103B
• Moisture Resistance: MIL-STD-202, Method 106E
• Thermal Shock: MIL-STD-202, Method 107D, air-to-air
• Case Resistance: EIA/IS-722
• Resistance to Dissolution of Metallization:
ANSI J-STD-002, Test D
• Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
• High Frequency Vibration: MIL-STD-202, Method 204D,
Test Condition D
• Resistance to Solvents: MIL-STD-202, Method 215A
Agency Information
• UL Recognition Card: JDYX2/E19180
• CSA Component Certification Record and Class No.:
053787C000, 1422 30
Ordering
• Specify packaging, product and option code
(i.e., TR2/TCP1.25-R)
Soldering Method
• Wave Immersion: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
5.2
3.7
(0.204)
(0.145)
4.0
(0.157)
12.6
(0.496)
Land Pattern
Dimensions mm⁄(inches)
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
250%
1 Second Minimum
250%
4-10 Seconds Typical
250%*
120 Seconds Maximum
300%
10 Seconds Maximum
STMicroelectronics Trisil™ P/N’s
SMP100LC-XXX
SMP100MC-XXX
ELECTRICAL AND POWER CROSS SPECIFICATIONS
Product
Voltage
Interrupting
DC Cold
Typical
Maximum
Typical
Alpha Code
Code
Rating
Rating*
Resistance** (ohms)
Melting
Total
Voltage
Marking
AC
250VAC
600VAC
min.
typ.
max.
I2t†
Clearing
Drop‡
1st Code 2nd Code
TCP1.25A
250 V
50 A
60 A
0.070
0.090
0.110
22.2 A2s
100 A2s
150mV
J
R***
* AC Interrupting Rating (Measured at designated voltage, 100% power factor)
** DC Cold Resistance (Measured at 10% of rated current)
*** On RoHS Compliant Version (-R option)
† Typical Melting I2t (Measured with a battery bank at 60V DC, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (Measured at rated current after temperature stabilizes)
LIGHTNING SURGE SPECIFICATIONS
Surge Specification
Surge
Repetitions
Waveform
Current (A)
Voltage (V)
Performance
(µSec.)
Requirement
FCC 47 Part 68
Longitudinal Type A
2
10x160
100 per fuse
1500
Fuse cannot open
FCC 47 Part 68
Metallic Type B
2
10x560
100
800
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
10x1000
100
1000
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
2x10
500
2500
Fuse cannot open
Surge out
1
10x160
160
N/A
Fuse cannot open
Surge out
1
10x560
115
N/A
Fuse cannot open
TCP™ Series
TCP1.25A, Telecom Circuit Protector
RoHS
2002/95/EC


Similar Part No. - TCP

ManufacturerPart #DatasheetDescription
logo
HMS Networks.
TCP HMS-TCP Datasheet
413Kb / 2P
Modbus TCP Clients
logo
Multicomp Pro
TCP MULTICOMP-TCP Datasheet
111Kb / 1P
Crimp Tool
06/12/12 V1.0
logo
Omron Electronics LLC
TCP OMRON-TCP Datasheet
1Mb / 2P
CP1 Modbus/TCP Adapter
logo
Weller Tools
TCP 3M WELLER-TCP 3M Datasheet
68Kb / 1P
Temperature control switch
TCP UK WELLER-TCP UK Datasheet
68Kb / 1P
Temperature control switch
More results

Similar Description - TCP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
Integrated Circuit Protector
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
Circuit Protector Elements
logo
Bourns Electronic Solut...
4020-01 BOURNS-4020-01 Datasheet
121Kb / 2P
Surge Protector Test Set for Telecom
logo
Eaton All Rights Reserv...
TCP1.25 EATON-TCP1.25 Datasheet
458Kb / 4P
Telecom circuit protector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com