Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # TCP
Description  TCP1.25A,Telecom Circuit Protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  TCP Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TCP™ Series
TCP1.25A, Telecom Circuit Protector
TEST CIRCUITS
Special Investigation
The TCP1.25A is designed to provide overcurrent protection for telecom SLIC, xDSL modem, and set-top box applications
regardless of the overvoltage device selected. To provide an easier specification experience, Cooper Bussmann and
STMicroelectronics have joined together to provide a special test report confirming the coordination between the TCP1.25A
and SMP100MC-270 devices.
* Note: or other STMicroelectronics Trisil™ part number listed in table on page 1
For additional information on STMicroelectronic’s Trisil™ Product line, please see www.st.com/protection
TEST PROGRAM
Test
Standard
Results
Lightning Surge Tests
10/1000µs + and –1kV 100A (25 pulses of each polarity)
Bellcore GR-1089
Passed
2/10µs + and –2.5 and 5kV 500A (10 pulses of each polarity)
Bellcore GR-1089
Passed
10/560µs + and –800V 100A (1 pulse of each polarity)
FCC Part 68
Passed
10/160µs + and –1.5kV 200A (1 pulse of each polarity)
FCC Part 68
Passed
10/700µs + and –1.5kV 37.5A (5 pulses of each polarity)
K20
Passed
Electrical and Power Cross Tests
600V 3A 1.1s (first level)
Bellcore GR-1089
Passed
277V 25A (second level)
Bellcore GR-1089
Passed
600V 60A 5s(second level)
Bellcore GR-1089
Passed
600V 40A 1.5s
UL 60950
Passed
600V 2.2A 30min
UL 60950
Passed
600V 1A 0.2s (A criteria)
K20
Passed
230V 1.44A/0.77A/0.38A 15min (A criteria)
K20
Passed
230V 23A 15min (A criteria)
K20
Passed
L1
L2
Fuse TCP 1.25A
T1
T2
SMP100MC-270*
Tip L
Gnd
Fuse TCP 1.25A
Tip S
SMP100MC-270*
Gnd
SMP100MC-270*
Ring S
Ring L
Fuse TCP 1.25A
Test Circuit 1
Test Circuit 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com