Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # TCP
Description  TCP1.25A,Telecom Circuit Protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  TCP Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TCP™ Series
TCP500MA & TCP2A, Telecom Circuit Protector
Description
• Designed to protect Consumer Premises Equipment from
harmful overcurrents.
• Allows compliance with telecom regulatory standards
including UL 1950/60950, and FCC part 68. Application
circuit testing is recommended.
• Eliminates the need for a current limiting resistor.
* If the device does not open at 250% within 120 seconds, increase
current to 300% of amp rating. Device must open in 10 seconds max.
Agency Information
• UL Recognition Card: JDYX2/E19180
• CSA Component Certification Record and Class No.:
053787C000, 1422 30
Environmental Data
• Life Test: MIL-STD-202, Method 108A, Test Condition D
• Load Humidity: MIL-STD-202, Method 103B
• Moisture Resistance: MIL-STD-202, Method 106E
• Thermal Shock: MIL-STD-202, Method 107D, air-to-air
• Case Resistance: EIA/IS-722
• Resistance to Dissolution of Metallization:
ANSI J-STD-002, Test D
• Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
• High Frequency Vibration: MIL-STD-202, Method 204D,
Test Condition D
• Resistance to Solvents: MIL-STD-202, Method 215A
Ordering
• Specify packaging, product and option code
(i.e., TR2/TCP500-R)
Soldering Method
• Wave Immersion: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
5.2
3.7
(0.204)
(0.145)
4.0
(0.157)
12.6
(0.496)
Land Pattern
Dimensions mm⁄(inches)
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
250%
1 Second Minimum
250%
4-10 Seconds Typical
250%*
120 Seconds Maximum
300%
10 Seconds Maximum
ELECTRICAL AND POWER CROSS SPECIFICATIONS
Product
Voltage
Interrupting
DC Cold
Typical
Maximum
Typical
Alpha Code
Code
Rating
Rating*
Resistance** (ohms)
Melting
Total
Voltage
Marking
AC
250VAC
600VAC
min.
typ.
max.
I2t†
Clearing
Drop‡
1st Code 2nd Code
TCP500mA
250 V
50 A
40 A
0.420
0.530
0.640
1.3 A2s
100 A2s
471mV
F
TCP2A
250 V
50 A
60 A
0.050
0.075
0.100
30 A2s
100 A2s
205mV
N
* AC Interrupting Rating (Measured at designated voltage, 100% power factor)
** DC Cold Resistance (Measured at 10% of rated current)
*** On RoHS Compliant Version (-R option)
† Typical Melting I2t (Measured with a battery bank at 60V DC, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (Measured at rated current after temperature stabilizes)
R***
LIGHTNING SURGE SPECIFICATIONS
Surge Specification
Surge
Repetitions
Waveform
Current (A)
Voltage (V)
Performance
(µSec.)
Requirement
TCP 500mA tested
FCC 47 Part 68
Longitudinal Type B
2
5x320
37.5
N/A
Fuse cannot open
FCC 47 Part 68
Metallic Type A
2
10x560
100
800
Fuse must open safely
Surge out
25
10x160
65
N/A
Fuse cannot open
TCP2A tested
FCC 47 Part 68
Longitudinal Type A
2
10x160
100 per fuse
1500
Fuse cannot open
FCC 47 Part 68
Metallic Type B
2
10x560
100
800
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
10x1000
100
1000
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
2x10
500
2500
Fuse cannot open
Surge out
1
10x160
160
N/A
Fuse cannot open
Surge out
1
10x560
115
N/A
Fuse cannot open
RoHS
2002/95/EC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com