Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2907SC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2907SC
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907SC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2907SC Datasheet HTML 2Page - Cypress Semiconductor CY2907SC Datasheet HTML 3Page - Cypress Semiconductor CY2907SC Datasheet HTML 4Page - Cypress Semiconductor CY2907SC Datasheet HTML 5Page - Cypress Semiconductor CY2907SC Datasheet HTML 6Page - Cypress Semiconductor CY2907SC Datasheet HTML 7Page - Cypress Semiconductor CY2907SC Datasheet HTML 8Page - Cypress Semiconductor CY2907SC Datasheet HTML 9Page - Cypress Semiconductor CY2907SC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY2907
Document #: 38-07137 Rev. **
Page 6 of 10
Switching Characteristics at 5.0V Industrial
Parameter
Output[6]
Description
Test Conditions
Min.
Max.
Unit
tR
CLKA
Output Rise Time 0.8V to 2.0V
15-pF Load
1.40
ns
tF
CLKA
Output Fall Time 2.0V to 0.8V
15-pF Load
1.00
ns
tR
CLKA
Output Rise Time 20% to 80%
15-pF Load
3.5
ns
tF
CLKA
Output Fall Time 80% to 20%
15-pF Load
2.5
ns
tD
CLKA
Duty Cycle
15-pF Load at 1.4V
45.0
55.0
%
FI
XTALIN
Input Frequency
Crystal Oscillator
10
25
MHz
FI
XTALIN
Input Frequency
External Input Clock[7]
1
30
MHz
FO
CLKA
Output Frequency
CY2907, 15-pF Load
0.5
100.0
MHz
CY2907F, 15-pF Load
0.5
90
MHz
tJIS
CLKA
Jitter (One Sigma)
20 MHz to 130 MHz
150
ps
tJIS
CLKA
Jitter (One Sigma)
14 MHz to 20 MHz
200
ps
tJIS
CLKA
Jitter (One Sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (Absolute)
20 MHz to 130 MHz
–250
+ 250
ps
tJAB
CLKA
Jitter (Absolute)
14 MHz to 20 MHz
–500
+ 500
ps
tJAB
CLKA
Jitter (Absolute)
Less than 14 MHz
3
%
tPU
Power-up Time
18
ms
tFT
CLKA
Transition Time
8 MHz to 66.6 MHz
13
ms
Switching Characteristics at 3.3V Industrial
Parameter
Output[6]
Description
Test Conditions
Min.
Max.
Unit
tR
CLKA
Output Rise Time 20% to 80%
15-pF Load
3.5
ns
tF
CLKA
Output Fall Time 80% to 20%
15-pF Load
2.5
ns
tD
CLKA
Duty Cycle
15-pF Load at 1.4V
40.0
53.0
%
FI
XTALIN
Input Frequency
Crystal Oscillator
10
25
MHz
FI
XTALIN
Input Frequency
External Input Clock[7]
1
30
MHz
FO
CLKA
Output Frequency
CY2907I, 15-pF Load
0.5
80.0
MHz
CY2907FI, 15-pF Load
0.5
66.6
MHz
tJIS
CLKA
Jitter (One Sigma)
25 MHz to 100 MHz
150
ps
tJIS
CLKA
Jitter (One Sigma)
14 MHz to 25 MHz
200
ps
tJIS
CLKA
Jitter (One Sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (Absolute)
25 MHz to 120 MHz
–250
+250
ps
tJAB
CLKA
Jitter (Absolute)
14 MHz to 25 MHz
–500
+500
ps
tJAB
CLKA
Jitter (Absolute)
Less than 14 MHz
3
%
tPU
Power-up Time
18
ms
tFT
CLKA
Transition Time
8 MHz to 66.6 MHz
13
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com