Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2907SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2907SC
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2907SC Datasheet HTML 1Page - Cypress Semiconductor CY2907SC Datasheet HTML 2Page - Cypress Semiconductor CY2907SC Datasheet HTML 3Page - Cypress Semiconductor CY2907SC Datasheet HTML 4Page - Cypress Semiconductor CY2907SC Datasheet HTML 5Page - Cypress Semiconductor CY2907SC Datasheet HTML 6Page - Cypress Semiconductor CY2907SC Datasheet HTML 7Page - Cypress Semiconductor CY2907SC Datasheet HTML 8Page - Cypress Semiconductor CY2907SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY2907
Single-PLL General-Purpose
EPROM Programmable Clock Generator
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07137 Rev. **
Revised September 26, 2001
CyClocks is a trademark of Cypress Semiconductor Corporation.
Features
Benefits
Single phase-locked loop architecture
Generates a custom frequency from an external source
EPROM programmability
Easy customization and fast turnaround
Factory-programmable (CY2907, CY2907I) or field-pro-
grammable (CY2907F & CY2907FI) device options
Programming support available for all opportunities
Up to two configurable outputs
Provides clocking requirements from a single device
Low-skew, low-jitter, high-accuracy outputs
Meets critical industry standard timing requirements
Power management (Power-Down, OE)
Supports low-power applications
Frequency select option
Up to 16 user-selectable frequencies
Configurable 5V or 3.3V operation
Supports industry-standard design platforms
8-pin or 14-pin SOIC packages
Industry-standard packaging saves on board space
Selector Guide
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY2907
2
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–130 MHz (5V)
500 kHz–100 MHz (3.3V)
Factory Programmable
Commercial Temperature
CY2907I
2
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–100 MHz (5V)
500 kHz–80 MHz (3.3V)
Factory Programmable
Industrial Temperature
CY2907F8
CY2907F14
210 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–100 MHz (5V)
500 kHz–80 MHz (3.3V)
Field Programmable
Commercial Temperature
CY2907F8I
CY2907F14I
210 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
500 kHz–90 MHz (5V)
500 kHz–66.66 MHz (3.3V)
Field Programmable
Industrial Temperature
XTALOUT
XTALIN
REFCLK
OSC.
1
2
3
4
5
6
7
10
9
8
11
14
13
12
Top View
S1
S2
S3
VSS
VSS
PD
XTALIN
S0
REFCLK
VDD
CLKA
OEA
OER
XTALOUT
CLKA
PLL
EPROM
Table
S0
S1
14-Pin SOIC
S2
S3
OER
Output
Multiplexer
and
Dividers
PD
1
2
3
4
5
8
7
6
S0
VSS
XTALIN
XTALOUT
REFCLK
VDD
CLKA
S1
8-Pin SOIC
Configuration
EPROM
and Test Logic
OEA
Logic Block Diagram
Pin Configurations


Similar Part No. - CY2907SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2907SC-XXX CYPRESS-CY2907SC-XXX Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907SC-XXXT CYPRESS-CY2907SC-XXXT Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2907SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
Three-PLL General Purpose EPROM Programmable Clock Generator
June 14, 2000
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
Single-PLL General-Purpose EPROM Programmable Clock Generator
December 14, 2002
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com