Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2907SC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2907SC
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907SC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2907SC Datasheet HTML 2Page - Cypress Semiconductor CY2907SC Datasheet HTML 3Page - Cypress Semiconductor CY2907SC Datasheet HTML 4Page - Cypress Semiconductor CY2907SC Datasheet HTML 5Page - Cypress Semiconductor CY2907SC Datasheet HTML 6Page - Cypress Semiconductor CY2907SC Datasheet HTML 7Page - Cypress Semiconductor CY2907SC Datasheet HTML 8Page - Cypress Semiconductor CY2907SC Datasheet HTML 9Page - Cypress Semiconductor CY2907SC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY2907
Document #: 38-07137 Rev. **
Page 8 of 10
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
CY2907SC-xxx
S8, S14
8-pin or 14-pin SOIC
5.0V, Commercial, Factory Programmable
CY2907SL-xxx
S8, S14
8-pin or 14-pin SOIC
3.3V, Commercial, Factory Programmable
CY2907SI-xxx
S8, S14
8-pin or 14-pin SOIC
5.0V/3.3V, Industrial, Factory Programmable
CY2907F8
S8
8-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907F8I
S8
8-pin SOIC
5.0V/3.3V, Industrial, Field Programmable
CY2907F14
S14
14-pin SOIC
5.0V/3.3V, Commercial, Field Programmable
CY2907F14I
S14
14-pin SOIC
5.0V/3.3V, Industrial, Field Programmable
CY3670
Cypress FTG Programmer
Custom Programming for Field Programmable
Clocks
Package Characteristics
Package
θ
JA (C/W)
θ
JC (C/W)
Transistor Count
8-pin SOIC
170
35
5436
14-pin SOIC
140
31
5436
Package Diagrams
8-Lead (150-Mil) SOIC S8
51-85066-A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com