Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C385 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C385 Datasheet HTML 1Page - National Semiconductor (TI) DS90C385 Datasheet HTML 2Page - National Semiconductor (TI) DS90C385 Datasheet HTML 3Page - National Semiconductor (TI) DS90C385 Datasheet HTML 4Page - National Semiconductor (TI) DS90C385 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS90C385/DS90C365
+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel
Display (FPD) Link-85 MHz, +3.3V Programmable LVDS
Transmitter 18-Bit Flat Panel Display (FPD) Link-85 MHz
General Description
The DS90C385 transmitter converts 28 bits of LVCMOS/
LVTTL data into four LVDS (Low Voltage Differential Signal-
ing) data streams. A phase-locked transmit clock is transmit-
ted in parallel with the data streams over a fifth LVDS link.
Every cycle of the transmit clock 28 bits of input data are
sampled and transmitted. At a transmit clock frequency of 85
MHz, 24 bits of RGB data and 3 bits of LCD timing and
control data (FPLINE, FPFRAME, DRDY) are transmitted at
a rate of 595 Mbps per LVDS data channel. Using a 85 MHz
clock, the data throughput is 297.5 Mbytes/sec. Also avail-
able is the DS90C365 that converts 21 bits of LVCMOS/
LVTTL data into three LVDS (Low Voltage Differential Sig-
naling) data streams. Both transmitters can be programmed
for Rising edge strobe or Falling edge strobe through a
dedicated pin. A Rising edge or Falling edge strobe transmit-
ter will interoperate with a Falling edge strobe Receiver
(DS90CF386/DS90CF366) without any translation logic.
The DS90C385 is also offered in a 64 ball, 0.8mm fine pitch
ball grid array (FBGA) package which provides a 44 %
reduction in PCB footprint compared to the TSSOP package.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high-speed TTL interfaces.
Features
n
20 to 85 MHz shift clock support
n
Best–in–Class Set & Hold Times on TxINPUTs
n
Tx power consumption <130 mW (typ) @85MHz
Grayscale
n
Tx Power-down mode <200µW (max)
n
Supports VGA, SVGA, XGA and Dual Pixel SXGA.
n
Narrow bus reduces cable size and cost
n
Up to 2.38 Gbps throughput
n
Up to 297.5 Megabytes/sec bandwidth
n
345 mV (typ) swing LVDS devices for low EMI
n
PLL requires no external components
n
Compatible with TIA/EIA-644 LVDS standard
n
Low profile 56-lead or 48-lead TSSOP package
n
DS90C385 also available in a 64 ball, 0.8mm fine pitch
ball grid array (FBGA) package
Block Diagrams
DS90C385
10086801
Order Number DS90C385MTD or DS90C385SLC
See NS Package Number MTD56 or SLC64A
DS90C365
10086829
Order Number DS90C365MTD
See NS Package Number MTD48
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS100868
www.national.com


Similar Part No. - DS90C385

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385A NSC-DS90C385A Datasheet
646Kb / 13P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI-DS90C385A Datasheet
981Kb / 17P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385A TI1-DS90C385A Datasheet
1Mb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385A TI2-DS90C385A Datasheet
835Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
REVISED APRIL 2013
More results

Similar Description - DS90C385

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com