Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C385 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) DS90C385 Datasheet HTML 10Page - National Semiconductor (TI) DS90C385 Datasheet HTML 11Page - National Semiconductor (TI) DS90C385 Datasheet HTML 12Page - National Semiconductor (TI) DS90C385 Datasheet HTML 13Page - National Semiconductor (TI) DS90C385 Datasheet HTML 14Page - National Semiconductor (TI) DS90C385 Datasheet HTML 15Page - National Semiconductor (TI) DS90C385 Datasheet HTML 16Page - National Semiconductor (TI) DS90C385 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS90C385SLC SLC64A (FBGA) Package Pin Description —
FPD Link Transmitter (Continued)
By Pin
By Pin Type
D4
TxOUT1+
O
G4
TxIN13
I
D5
LVDS GND
G
H4
TxIN14
I
D6
PLL GND
G
H5
TxIN15
I
D7
PWD DOWN
I
E5
TxIN16
I
D8
TxIN26
I
F5
TxIN17
I
E1
VCC
P
H6
TxIN18
I
E2
TxIN6
I
H7
TxIN19
I
E3
TxIN7
I
H8
TxIN20
I
E4
GND
G
G7
TxIN21
I
E5
TxIN16
I
F7
TxIN22
I
E6
VCC
P
G8
TxIN23
I
E7
TxIN24
I
E7
TxIN24
I
E8
GND
G
F8
TxIN25
I
F1
TxIN5
I
D8
TxIN26
I
F2
NC
A1
TxIN27
I
F3
NC
A6
TxCLKOUT-
O
F4
TxIN12
I
A7
TxCLKOUT+
O
F5
TxIN17
I
A2
TxOUT0-
O
F6
NC
A3
TxOUT0+
O
F7
TxIN22
I
C4
TxOUT1-
O
F8
TxIN25
I
D4
TxOUT1+
O
G1
GND
G
B5
TxOUT2-
O
G2
TxIN8
I
C5
TxOUT2+
O
G3
TxIN10
I
B6
TxOUT3-
O
G4
TxIN13
I
A8
TxOUT3+
O
G5
R_FB
I
A4
LVDS VCC
P
G6
GND
G
A5
LVDS VCC
P
G7
TxIN21
I
C7
PLL VCC
P
G8
TxIN23
I
E1
VCC
P
H1
TxIN9
I
E6
VCC
P
H2
VCC
P
H2
VCC
P
H3
TxIN11
I
B8
NC
H4
TxIN14
I
C2
NC
H5
TxIN15
I
C3
NC
H6
TxIN18
I
F2
NC
H7
TxIN19
I
F3
NC
H8
TxIN20
I
F6
NC
G : Ground
I : Input
O : Output
P : Power
NC : No Connect
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com