Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C385 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C385 Datasheet HTML 1Page - National Semiconductor (TI) DS90C385 Datasheet HTML 2Page - National Semiconductor (TI) DS90C385 Datasheet HTML 3Page - National Semiconductor (TI) DS90C385 Datasheet HTML 4Page - National Semiconductor (TI) DS90C385 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.5V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Solder reflow Temperature
(20 sec for FBGA)
+220˚C
Maximum Package Power Dissipation Capacity @ 25˚C
MTD56 (TSSOP) Package:
DS90C385MTD
1.63 W
MTD48 (TSSOP) Package:
DS90C365MTD
1.98 W
SLC64 (FBGA) Package:
DS90C385SLC
2.0 W
Package Derating:
DS90C385MTD
12.5 mW/˚C above +25˚C
Package Derating:
DS90C365MTD
16 mW/˚C above +25˚C
DS90C385SLC
10.2 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5k
Ω, 100pF)
> 7kV
(EIAJ, 0
Ω, 200 pF)
> 500V
Latch Up Tolerance @ 25˚C
> ±300mA
Recommended Operating
Conditions
Min Nom Max Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10 +25
+70
˚C
Supply Noise Voltage (V
CC)
100 mV
PP
TxCLKIN frequency
20
85
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+10
µA
V
IN = GND
−10
0
µA
LVDS DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
Ω
250
345
450
mV
∆V
OD
Change in V
OD between
complimentary output states
35
mV
V
OS
Offset Voltage (Note 4)
1.125
1.25
1.375
V
∆V
OS
Change in V
OS between
complimentary output states
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
Ω
−3.5
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V,
V
OUT =0VorV CC
±1
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
DS90C385
R
L = 100
Ω,
C
L = 5 pF,
Worst Case Pattern
(Figures 1, 4 )
f = 32.5 MHz
31
45
mA
f = 40 MHz
32
50
mA
f = 65 MHz
37
55
mA
f = 85 MHz
42
60
mA
ICCTG
Transmitter Supply Current
16 Grayscale
DS90C385
R
L = 100
Ω,
C
L = 5 pF,
16 Grayscale Pattern
(Figures 2, 4 )
f = 32.5 MHz
29
38
mA
f = 40 MHz
30
40
mA
f = 65 MHz
35
45
mA
f = 85 MHz
39
50
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com