Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM66A-1255152MLF Datasheet(PDF) 5 Page - Bi technologies

Part # HM66A-1255152MLF
Description  Shielded Surface Mount Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-1255152MLF Datasheet(HTML) 5 Page - Bi technologies

  HM66A-1255152MLF Datasheet HTML 1Page - Bi technologies HM66A-1255152MLF Datasheet HTML 2Page - Bi technologies HM66A-1255152MLF Datasheet HTML 3Page - Bi technologies HM66A-1255152MLF Datasheet HTML 4Page - Bi technologies HM66A-1255152MLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shielded Surface Mount Power Inductors
Model HM66A
Make Possible
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
HM66A - 0420 1R2 N LF 13
Model Series
Case Size :
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros. For
values below 10μH, “R” denotes
the decimal point.
Notes: (1) Inductance for case size 0420, 0520, 0530, 1030 & 1050 is measured at 100 kHz, 0.1 Vac without DC current.
(2) Inductance for case size 0628, 0728, 0730, 0732, 0745, 1045, 1255, 1265 & 1275 is measured at 1 kHz, 0.5 Vac without DC current.
(3) The rated current for case size 0312, 0315, 0318, 0420, 0520, 0530 & 0628 is the approximate DC current at which the inductance will be decreased by 30%
from its initial (zero DC) value.
(4) The rated current for case size 0630 is the approximate DC current at which the inductance will be decreased by 35% from its initial (zero DC) value.
(5) The rated current for case size 0728, 0730, 0732, 0745, 1045, 1255, 1265 & 1275 is the approximate DC current at which the inductance will be decreased
by 30% from its initial (zero DC) value.
(6) The rated current for case size 1030 & 1050 is the approximate DC current at which the inductance will be decreased by 25% from its
initial (zero DC) value.
Tape & 13” Reel Packing
Lead-Free
Inductance Tolerance:
K = ±10%
M = ±20%
N = ±30%
Ordering Information
Packaging
Standard
Tape & Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 0745, 1045,
1050, 1255, 1265, 1275
=
500 Units
Case size 0420, 0728,
0730, 0732, 1030
=
1000 Units
Case size 0628
=
2000 Units
Case size 0530
=
2500 Units
Case size 0520
=
3000 Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com