Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM66A-1255152MLF Datasheet(PDF) 3 Page - Bi technologies

Part # HM66A-1255152MLF
Description  Shielded Surface Mount Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-1255152MLF Datasheet(HTML) 3 Page - Bi technologies

  HM66A-1255152MLF Datasheet HTML 1Page - Bi technologies HM66A-1255152MLF Datasheet HTML 2Page - Bi technologies HM66A-1255152MLF Datasheet HTML 3Page - Bi technologies HM66A-1255152MLF Datasheet HTML 4Page - Bi technologies HM66A-1255152MLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shielded Surface Mount Power Inductors
Model HM66A
Make Possible
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Specifications @ 25°C (Continued)
Outline Dimensions (mm)
C ) Case Size 0628/0728/0730/0732/0745/1045/1255/1265/1275
Part Number
Inductance(2)
(μH)
DCR
Max
(Ω)
Rated (5)
Current
(A)
Part Number
Inductance(2)
(μH)
DCR
Max
(Ω)
Rated (5)
Current
(A)
HM66A-1255101MLF
100
0.140
1.10
HM66A-1265101MLF
100
0.148
1.60
HM66A-1255151MLF
150
0.228
0.88
HM66A-1265151MLF
150
0.328
1.00
HM66A-1255221MLF
220
0.324
0.72
HM66A-12751R2NLF
1.2
0.008
13.0
HM66A-1255331MLF
330
0.492
0.59
HM66A-12752R7NLF
2.7
0.011
10.0
HM66A-1255471MLF
470
0.624
0.49
HM66A-12753R9NLF
3.9
0.012
9.00
HM66A-1255681MLF
680
0.912
0.43
HM66A-12755R6NLF
5.6
0.014
7.80
HM66A-1255102MLF
1000
1.344
0.34
HM66A-12756R8NLF
6.8
0.016
7.20
HM66A-1255152MLF
1500
2.076
0.29
HM66A-1275100MLF
10
0.019
5.50
HM66A-12652R0NLF
2.0
0.014
10.0
HM66A-1275150MLF
15
0.022
4.70
HM66A-12654R2NLF
4.2
0.018
7.30
HM66A-1275220MLF
22
0.032
4.00
HM66A-12657R0MLF
7.0
0.021
5.70
HM66A-1275330MLF
33
0.047
3.20
HM66A-1265100MLF
10
0.024
5.00
HM66A-1275470MLF
47
0.063
2.70
HM66A-1265150MLF
15
0.028
4.20
HM66A-1275680MLF
68
0.093
2.00
HM66A-1265220MLF
22
0.038
3.50
HM66A-1275101MLF
100
0.150
1.90
HM66A-1265330MLF
33
0.049
2.80
HM66A-1275151MLF
150
0.210
1.50
HM66A-1265470MLF
47
0.069
2.40
HM66A-1275221MLF
220
0.310
1.30
HM66A-1265680MLF
68
0.094
2.00
Case Size
A
Ht
B
C
D
E
F
0628
6 ± 0.2
2.8 ± 0.3
4.0
2.0
2.2
1.5
4.0
0728
7 ± 0.2
2.8 ± 0.2
4.0
2.0
2.2
1.5
4.0
0730
7 ± 0.2
3 ± 0.2
4.0
2.0
2.2
1.5
4.0
0732
7 ± 0.2
3.2 ± 0.2
4.0
2.0
2.2
1.5
4.0
0745
7 ± 0.2
4.5 ± 0.3
4.0
2.0
2.2
1.5
4.0
1045
10.1 ± 0.3
4.5 ± 0.3
6.0
3.0
3.2
2.5
5.6
1255
12.5 ± 0.3
5.5 ± 0.4
8.6
3.0
3.2
2.5
8.6
1265
12.5 ± 0.3
6.5 ± 0.4
8.6
3.0
3.2
2.5
8.6
1275
12.5 ± 0.3
7.5 ± 0.4
8.2
2.5
3.2
2.5
8.2
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
67
HM66A-1255101MLF
100
0.140
1.10
HM66A-1255151MLF
150
0.228
0.88
HM66A-1255221MLF
220
0.324
0.72
HM66A-1255331MLF
330
0.492
0.59
HM66A-1255471MLF
470
0.624
0.49
HM66A-1255681MLF
680
0.912
0.43
HM66A-1255102MLF
1000
1.344
0.34
HM66A-1255152MLF
1500
2.076
0.29
HM66A-12652R0NLF
2.0
0.014
10.0
HM66A-12654R2NLF
4.2
0.018
7.30
HM66A-12657R0MLF
7.0
0.021
5.70
HM66A-1265100MLF
10
0.024
5.00
HM66A-1265150MLF
15
0.028
4.20
HM66A-1265220MLF
22
0.038
3.50
HM66A-1265330MLF
33
0.049
2.80
HM66A-1265470MLF
47
0.069
2.40
HM66A-1265680MLF
68
0.094
2.00
Specifications @ 25°C (cont’d)
DCR
Rated
Part
Inductance (2)
Max.
Current (5)
Number
(
µH)
(W)
(A)
DCR
Rated
Part
Inductance (2)
Max.
Current (5)
Number
(
µH)
(W)
(A)
HM66A-1265101MLF
100
0.148
1.60
HM66A-1265151MLF
150
0.328
1.00
HM66A-12751R2NLF
1.2
0.008
13.0
HM66A-12752R7NLF
2.7
0.011
10.0
HM66A-12753R9NLF
3.9
0.012
9.00
HM66A-12755R6NLF
5.6
0.014
7.80
HM66A-12756R8NLF
6.8
0.016
7.20
HM66A-1275100MLF
10
0.019
5.50
HM66A-1275150MLF
15
0.022
4.70
HM66A-1275220MLF
22
0.032
4.00
HM66A-1275330MLF
33
0.047
3.20
HM66A-1275470MLF
47
0.063
2.70
HM66A-1275680MLF
68
0.093
2.00
HM66A-1275101MLF
100
0.150
1.90
HM66A-1275151MLF
150
0.210
1.50
HM66A-1275221MLF
220
0.310
1.30
Outline Dimensions (mm)
Recommended
PCB Layout
Top View
Side View
Bottom View
Case Size
A
Ht
B
C
D
E
F
0628
6.0 ± 0.2 2.8 ± 0.2
4.0
2.0
2.2
1.5
4.0
0728
7.0 ± 0.2 2.8 ± 0.2
4.0
2.0
2.2
1.5
4.0
0730
7.0 ± 0.2 3.0 ± 0.2
4.0
2.0
2.2
1.5
4.0
0732
7.0 ± 0.2 3.2 ± 0.2
4.0
2.0
2.2
1.5
4.0
0745
7.0 ± 0.2 4.5 ± 0.3
4.0
2.0
2.2
1.5
4.0
1045
10.1 ± 0.3 4.5 ± 0.3
6.0
3.0
3.2
2.5
5.6
1255
12.5 ± 0.3 5.5 ± 0.4
8.6
3.0
3.2
2.5
8.6
1265
12.5 ± 0.3 6.5 ± 0.4
8.6
3.0
3.2
2.5
8.6
1275
12.5 ± 0.3 7.5 ± 0.4
8.6
3.0
3.2
2.5
8.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com