Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM66A-1255152MLF Datasheet(PDF) 4 Page - Bi technologies

Part # HM66A-1255152MLF
Description  Shielded Surface Mount Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-1255152MLF Datasheet(HTML) 4 Page - Bi technologies

  HM66A-1255152MLF Datasheet HTML 1Page - Bi technologies HM66A-1255152MLF Datasheet HTML 2Page - Bi technologies HM66A-1255152MLF Datasheet HTML 3Page - Bi technologies HM66A-1255152MLF Datasheet HTML 4Page - Bi technologies HM66A-1255152MLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Shielded Surface Mount Power Inductors
Model HM66A
Make Possible
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Specifications @ 25°C (Continued)
D) Case Size 1030/1050
Part Number
Inductance(1)
(μH)
DCR
Max
(Ω)
Rated (4),(6)
Current
(A)
Part Number
Inductance(1)
(μH)
DCR
Max
(Ω)
Rated (6)
Current
(A)
HM66A-1030100NLF
10
58.1
2.70
HM66A-1050270NLF
27
65.4
2.24
HM66A-1030120NLF
12
72.1
2.25
HM66A-1050330NLF
33
81.4
1.88
HM66A-1030150NLF
15
86.5
2.22
HM66A-1050390NLF
39
103.1
1.70
HM66A-1030180NLF
18
116.1
1.90
HM66A-1050470NLF
47
122.1
1.56
HM66A-1030220NLF
22
145.4
1.78
HM66A-1050560NLF
56
144.8
1.39
HM66A-1030270NLF
27
175.9
1.63
HM66A-1050680NLF
68
193.0
1.36
HM66A-1030330NLF
33
213.4
1.46
HM66A-1050820NLF
82
219.4
1.20
HM66A-1030390NLF
39
268.9
1.32
HM66A-1050101NLF
100
247.0
1.09
HM66A-1030470NLF
47
298.6
1.18
HM66A-1050121NLF
120
298.4
1.00
HM66A-1030560NLF
56
335.8
1.10
HM66A-1050151NLF
150
355.1
0.91
HM66A-1030680NLF
68
451.3
1.04
HM66A-1050181NLF
180
393.4
0.84
HM66A-1030820NLF
82
513.8
0.94
HM66A-1050221NLF
220
483.8
0.75
HM66A-1030101NLF
100
700.0
0.84
HM66A-1050271NLF
270
632.5
0.68
HM66A-1030121NLF
120
765.0
0.76
HM66A-1050331NLF
330
780.0
0.60
HM66A-1030151NLF
150
876.3
0.70
HM66A-1050391NLF
390
957.5
0.57
HM66A-10501R5NLF
1.5
5.8
8.30
HM66A-1050471NLF
470
1220.4
0.50
HM66A-1050100NLF
10
25.8
3.45
HM66A-1050561NLF
560
1352.4
0.47
HM66A-1050120NLF
12
32.0
3.40
HM66A-1050681NLF
680
1519.2
0.43
HM66A-1050150NLF
15
40.0
2.83
HM66A-1050821NLF
820
1694.4
0.39
HM66A-1050180NLF
18
46.0
2.62
HM66A-1050102NLF
1000
1946.4
0.35
HM66A-1050220NLF
22
58.5
2.44
Outline Dimensions (mm)
Case Size
A
B
Ht
D
E
F
H
J
K
1030
10.3
10.5
3.0
7.7
3.0
1.2
7.3
3.6
1.7
1050
10.3
10.5
5.0
7.7
3.0
1.2
7.3
3.6
1.7
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
68
HM66A-1030820NLF
82
513.8
0.94
HM66A-1030101NLF
100
700.0
0.84
HM66A-1030121NLF
120
765.0
0.76
HM66A-1030151NLF
150
876.3
0.70
HM66A-10501R5NLF
1.5
5.8
8.30
HM66A-1050100NLF
10
25.8
3.45
HM66A-1050120NLF
12
32.0
3.40
HM66A-1050150NLF
15
40.0
2.83
HM66A-1050180NLF
18
46.0
2.62
HM66A-1050220NLF
22
58.5
2.44
HM66A-1050270NLF
27
65.4
2.24
HM66A-1050330NLF
33
81.4
1.88
HM66A-1050390NLF
39
103.1
1.70
HM66A-1050470NLF
47
122.1
1.56
HM66A-1050560NLF
56
144.8
1.39
HM66A-1050680NLF
68
193.0
1.36
HM66A-1050820NLF
82
219.4
1.20
HM66A-1050101NLF
100
247.0
1.09
HM66A-1050121NLF
120
298.4
1.00
HM66A-1050151NLF
150
355.1
0.91
HM66A-1050181NLF
180
393.4
0.84
HM66A-1050221NLF
220
483.8
0.75
HM66A-1050271NLF
270
632.5
0.68
HM66A-1050331NLF
330
780.0
0.60
HM66A-1050391NLF
390
957.5
0.57
HM66A-1050471NLF
470
1220.4
0.50
HM66A-1050561NLF
560
1352.4
0.47
HM66A-1050681NLF
680
1519.2
0.43
HM66A-1050821NLF
820
1694.4
0.39
HM66A-1050102NLF
1000
1946.4
0.35
HM66A-06302R5NLF
2.5
17.6
2.60
HM66A-06303R3NLF
3.3
20.3
2.30
HM66A-06304R0NLF
4.0
27.0
2.10
HM66A-06305R0NLF
5.0
31.1
1.85
HM66A-06306R0NLF
6.0
41.9
1.70
HM66A-06308R0NLF
8.0
49.9
1.50
HM66A-0630100NLF
10
54.0
1.30
HM66A-0630120NLF
12
71.6
1.20
HM66A-0630150NLF
15
82.4
1.10
HM66A-0630180NLF
18
101.5
1.05
HM66A-0630220NLF
22
119.0
0.95
HM66A-0630270NLF
27
146.0
0.85
HM66A-0630330NLF
33
182.5
0.76
HM66A-0630390NLF
39
209.5
0.68
HM66A-0630470NLF
47
229.5
0.60
HM66A-0630560NLF
56
305.0
0.55
HM66A-0630680NLF
68
351.0
0.48
HM66A-0630820NLF
82
418.5
0.45
HM66A-0630101NLF
100
520.0
0.40
HM66A-1030100NLF
10
58.1
2.70
HM66A-1030120NLF
12
72.1
2.25
HM66A-1030150NLF
15
86.5
2.22
HM66A-1030180NLF
18
116.1
1.90
HM66A-1030220NLF
22
145.4
1.78
HM66A-1030270NLF
27
175.9
1.63
HM66A-1030330NLF
33
213.4
1.16
HM66A-1030390NLF
39
268.9
1.32
HM66A-1030470NLF
47
298.6
1.18
HM66A-1030560NLF
56
335.8
1.10
HM66A-1030680NLF
68
451.3
1.04
Specifications @ 25°C
DCR
Rated
Part
Inductance (1)
Max.
Current (4),(6)
Number
(
µH)
(mW)
(A)
DCR
Rated
Part
Inductance (1)
Max.
Current (6)
Number
(
µH)
(mW)
(A)
Outline Dimensions (mm)
Recommended
PCB Layout
Top View
Side View
Bottom View
D) Case Size 0630/1030/1050
Case Size A
B
Ht
D
E
F
H
J
K
0630
6.2
6.3
3.0
4.7
2.0
0.6
4.6
2.6
1.0
1030
10.3
10.4
3.0
7.7
3.0
1.2
7.3
3.6
1.7
1050
10.3
10.4
5.0
7.7
3.0
1.2
7.3
3.6
1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com