Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF67G Datasheet(PDF) 4 Page - Formosa MS

Part # SF67G
Description  Axial Leaded Super Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF67G Datasheet(HTML) 4 Page - Formosa MS

  SF67G Datasheet HTML 1Page - Formosa MS SF67G Datasheet HTML 2Page - Formosa MS SF67G Datasheet HTML 3Page - Formosa MS SF67G Datasheet HTML 4Page - Formosa MS SF67G Datasheet HTML 5Page - Formosa MS SF67G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-201AD
1,200
10 mm
380 * 340 * 370
4,800
9.1
AMMO PACKING
DO-201AD
1,200
260 * 83 * 160
440 * 270 * 340
12,000
17.0
Formosa MS
Marking
Type number
Marking code
SF61G
SF61G
SF62G
SF62G
SF63G
SF63G
SF64G
SF64G
SF65G
SF65G
SF66G
SF66G
SF67G
SF67G
SF68G
SF68G
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SF61G THRU SF68G
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222423
2009/02/10
2010/05/10
C
6
Axial Leaded Super Fast Rectifiers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com