Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF67G Datasheet(PDF) 2 Page - Formosa MS

Part # SF67G
Description  Axial Leaded Super Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF67G Datasheet(HTML) 2 Page - Formosa MS

  SF67G Datasheet HTML 1Page - Formosa MS SF67G Datasheet HTML 2Page - Formosa MS SF67G Datasheet HTML 3Page - Formosa MS SF67G Datasheet HTML 4Page - Formosa MS SF67G Datasheet HTML 5Page - Formosa MS SF67G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 1.10 gram
•
Package outline
Page 2
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Formosa MS
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
O
Ambient temperature = 55 C
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
A
A
µA
pF
6.0
150
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
80
100
SF61G
SF62G
SF63G
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =6.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
SF65G
SF66G
300
400
210
280
1.25
-55 to +150
SF67G
SF68G
500
600
350
420
35
50
100
150
300
400
500
600
0.95
1.70
SF64G
200
140
200
Storage temperature
T
STG
OC
+175
-65
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Low reverse leakage current
Low forward drop down voltage & high current capability
High surge current capability
Super fast switching speed for high efficiency
Glass passivated chip junction.
High Reliability
Lead-free parts for green partner, meet RoHS
requirements
Suffix "-H" indicates Halogen free parts, ex. SF61G-H.
•
•
•
•
•
•
•
•
Features
SF61G THRU SF68G
Document ID
Issued Date
Revised Date
Revision
Page.
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
DS-222423
2009/02/10
2010/05/10
C
6
t
rr
(ns)
*5
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
6.0A Axial
Super
Fast Rectifiers-50-600V
Leaded
Axial Leaded Super Fast Rectifiers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com