Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF67G Datasheet(PDF) 3 Page - Formosa MS

Part # SF67G
Description  Axial Leaded Super Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF67G Datasheet(HTML) 3 Page - Formosa MS

  SF67G Datasheet HTML 1Page - Formosa MS SF67G Datasheet HTML 2Page - Formosa MS SF67G Datasheet HTML 3Page - Formosa MS SF67G Datasheet HTML 4Page - Formosa MS SF67G Datasheet HTML 5Page - Formosa MS SF67G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (SF61G THRU SF68G)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222423
2009/02/10
2010/05/10
C
6
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
1.0
2.0
3.0
4.0
5.0
6.0
140
120
100
80
60
40
20
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,(°C)
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
Reverse Voltage,(Volts)
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
SF67G
~SF68G
SF65G
~SF66G
Tj=25°C
Pulse Width=300us
1% Duty Cycle
NUMBER OF CYCLES AT 60Hz
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
0
25
50
125
75
100
150
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com