Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8442 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8442
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8442 Datasheet HTML 1Page - Integrated Circuit Systems ICS8442 Datasheet HTML 2Page - Integrated Circuit Systems ICS8442 Datasheet HTML 3Page - Integrated Circuit Systems ICS8442 Datasheet HTML 4Page - Integrated Circuit Systems ICS8442 Datasheet HTML 5Page - Integrated Circuit Systems ICS8442 Datasheet HTML 6Page - Integrated Circuit Systems ICS8442 Datasheet HTML 7Page - Integrated Circuit Systems ICS8442 Datasheet HTML 8Page - Integrated Circuit Systems ICS8442 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8442AY
www.icst.com/products/hiperclocks.html
REV. C JULY 8, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8442
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8442 is a general purpose, dual output
Crystal-to-Differential LVDS High Frequency
Synthesizer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS8442 has a selectable TEST_CLK
or crystal input. The TEST_CLK input accepts LVCMOS or
LVTTL input levels and translates them to LVDS levels. The
VCO operates at a frequency range of 250MHz to 700MHz. The
VCO frequency is programmed in steps equal to the value of
the input reference or crystal frequency. The VCO and output
frequency can be programmed using the serial or parallel inter-
face to the configuration logic.The low phase noise characteris-
tics of the ICS8442 makes it an ideal clock source for Gigabit
Ethernet and Sonet applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential LVDS outputs
• Selectable crystal oscillator interface or
LVCMOS/LVTTL TEST_CLK
• Output frequency range: 31.25MHz to 700MHz
• Crystal input frequency range: 10MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 2.7ps (typical)
• Cycle-to-cycle jitter: 18ps (typical)
• 3.3V supply voltage
• 0°C to 85°C ambient operating temperature
• “Lead-Free” package available
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL1
TEST_CLK
XTAL_SEL
VDDA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
GND
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8442
HiPerClockS™
ICS
OSC
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL1
XTAL2
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
÷ 1
÷ 2
÷ 4
÷ 8
MR


Similar Part No. - ICS8442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
logo
Integrated Device Techn...
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844201I-45 RENESAS-ICS844201I-45 Datasheet
587Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
More results

Similar Description - ICS8442

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS8442I ICST-ICS8442I Datasheet
183Kb / 15P
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
REV. C MAY 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8442B RENESAS-ICS8442B Datasheet
533Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442I-90 RENESAS-ICS8442I-90 Datasheet
340Kb / 20P
700MHz, Crystal-to-LVDS Frequency Synthesizer
2019
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com