Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84021 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS84021
Description  260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84021 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS84021 Datasheet HTML 3Page - Integrated Circuit Systems ICS84021 Datasheet HTML 4Page - Integrated Circuit Systems ICS84021 Datasheet HTML 5Page - Integrated Circuit Systems ICS84021 Datasheet HTML 6Page - Integrated Circuit Systems ICS84021 Datasheet HTML 7Page - Integrated Circuit Systems ICS84021 Datasheet HTML 8Page - Integrated Circuit Systems ICS84021 Datasheet HTML 9Page - Integrated Circuit Systems ICS84021 Datasheet HTML 10Page - Integrated Circuit Systems ICS84021 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
84021AY
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2003
7
Integrated
Circuit
Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD=VDDA=3.3V±5%,
V
DDO=3.3V±5%, 2.5V±5%
OR
1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
1
E
O
,
0
E
O
,
K
C
O
L
C
_
S
8
M
:
0
M
,
1
N
:
0
N
2V
D
D
3
.
0
+V
K
L
C
_
T
S
E
T2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
1
E
O
,
0
E
O
,
K
C
O
L
C
_
S
8
M
:
0
M
,
1
N
:
0
N
3
.
0
-8
.
0V
K
L
C
_
T
S
E
T3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
,
1
E
O
,
0
E
O
,
5
M
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
V
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
D
D
,
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
,
1
E
O
,
0
E
O
,
5
M
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
V
D
D
,
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
O
D
D
%
5
±
V
3
.
3
=6
.
2V
V
O
D
D
%
5
±
V
5
.
2
=8
.
1V
V
O
D
D
%
5
±
V
8
.
1
=V
O
D
D
3
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
O
D
D
%
5
±
V
3
.
3
=5
.
0V
V
O
D
D
%
5
±
V
5
.
2
=5
.
0V
V
O
D
D
%
5
±
V
8
.
1
=4
.
0V
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. See Parameter Measurement Section, “Load Test Circuit Diagrams”.
TABLE 5. INPUT FREQUENCY CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
E
T
O
N
;
K
L
C
_
T
S
E
T4
10
4z
H
M
1
E
T
O
N
;
2
L
A
T
X
,
1
L
A
T
X4
10
4z
H
M
K
C
O
L
C
_
S
0
5z
H
M
n
i
h
t
i
w
e
t
a
r
e
p
o
o
t
O
C
V
e
h
t
r
o
f
t
e
s
e
b
t
s
u
m
e
u
l
a
v
M
e
h
t
,
e
g
n
a
r
y
c
n
e
u
q
e
r
f
K
L
C
_
T
S
E
T
d
n
a
l
a
t
s
y
r
c
t
u
p
n
i
e
h
t
r
o
F
:
1
E
T
O
N
5
4
e
r
a
M
f
o
s
e
u
l
a
v
d
il
a
v
,
z
H
M
4
1
f
o
y
c
n
e
u
q
e
r
f
t
u
p
n
i
m
u
m
i
n
i
m
e
h
t
g
n
i
s
U
.
e
g
n
a
r
z
H
M
0
8
7
o
t
z
H
M
0
2
6
e
h
t
≤ M ≤
.
5
5
6
1
e
r
a
M
f
o
s
e
u
l
a
v
d
il
a
v
,
z
H
M
0
4
f
o
y
c
n
e
u
q
e
r
f
m
u
m
i
x
a
m
e
h
t
g
n
i
s
U
≤ M ≤
.
9
1
TABLE 6. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
4
10
4z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
C
(
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
O)
7F
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com