Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84021 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84021
Description  260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84021 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84021 Datasheet HTML 6Page - Integrated Circuit Systems ICS84021 Datasheet HTML 7Page - Integrated Circuit Systems ICS84021 Datasheet HTML 8Page - Integrated Circuit Systems ICS84021 Datasheet HTML 9Page - Integrated Circuit Systems ICS84021 Datasheet HTML 10Page - Integrated Circuit Systems ICS84021 Datasheet HTML 11Page - Integrated Circuit Systems ICS84021 Datasheet HTML 12Page - Integrated Circuit Systems ICS84021 Datasheet HTML 13Page - Integrated Circuit Systems ICS84021 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
84021AY
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2003
11
Integrated
Circuit
Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
CRYSTAL INPUT INTERFACE
The ICS84021 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown
in
Figure 3 below were determined using a 25MHz, 18pF
Figure 3. CRYSTAL INPUt INTERFACE
parallel resonant crystal and were chosen to minimize the
ppm error. The optimum C1 and C2 values can be slightly
adjusted for different board layouts.
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS84021 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 24
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA pin.
FIGURE 2. POWER SUPPLY FILTERING
24
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
POWER SUPPLY FILTERING TECHNIQUES
C1
22p
X1
18pF Parallel Cry stal
C2
22p
XTAL2
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com