Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84021 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84021
Description  260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84021 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84021 Datasheet HTML 1Page - Integrated Circuit Systems ICS84021 Datasheet HTML 2Page - Integrated Circuit Systems ICS84021 Datasheet HTML 3Page - Integrated Circuit Systems ICS84021 Datasheet HTML 4Page - Integrated Circuit Systems ICS84021 Datasheet HTML 5Page - Integrated Circuit Systems ICS84021 Datasheet HTML 6Page - Integrated Circuit Systems ICS84021 Datasheet HTML 7Page - Integrated Circuit Systems ICS84021 Datasheet HTML 8Page - Integrated Circuit Systems ICS84021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
84021AY
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2003
1
Integrated
Circuit
Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS84021 is a general purpose, Crystal-to-
LVCMOS/LVTTL High Frequency Synthesizer
and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
ICS84021 has a selectable TEST_CLK or crys-
tal input. The VCO operates at a frequency range of 620MHz
to 780MHz. The VCO frequency is programmed in steps
equal to the value of the input reference or crystal frequency.
The VCO and output frequency can be programmed using
the serial or parallel interface to the configuration logic. The
low phase noise characteristics of the ICS84021 make it an
ideal clock source for Gigabit Ethernet, SONET, Fibre Chan-
nel 1 and 2, and Infiniband applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 2 LVCMOS/LVTTL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 103.3MHz to 260MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 4.3ps (typical) (N ÷ 4, V
DDO = 3.3V ± 5%)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal
(12KHz to 20MHz): 2.88ps (typical)
Phase noise: 155.52MHz
Offset
Noise Power
100Hz ................. -93.7 dBc/Hz
1KHz ............... -111.3 dBc/Hz
10KHz ............... -120.4 dBc/Hz
100KHz ............... -125.1 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V or 1.8V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL2
TEST_CLK
XTAL_SEL
VDDA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
GND
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS84021
HiPerClockS™
ICS
OSC
OE0
OE1
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL1
XTAL2
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
Q0
Q1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
÷3
÷4
÷5
÷6
MR


Similar Part No. - ICS84021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8402 ICST-ICS8402 Datasheet
247Kb / 15P
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. B OCTOBER 6, 2004
logo
Integrated Device Techn...
ICS8402010I IDT-ICS8402010I Datasheet
324Kb / 16P
FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
ICS8402015I IDT-ICS8402015I Datasheet
865Kb / 19P
FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
logo
Integrated Circuit Syst...
ICS84025 ICST-ICS84025 Datasheet
146Kb / 12P
CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A APRIL 16, 2003
ICS84025EM ICST-ICS84025EM Datasheet
146Kb / 12P
CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A APRIL 16, 2003
More results

Similar Description - ICS84021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
840S07I RENESAS-840S07I Datasheet
515Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 14, 2016
84021 RENESAS-84021 Datasheet
601Kb / 20P
260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
Rev E 9/23/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com