Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S641633H-RBE Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4S641633H-RBE
Description  1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641633H-RBE Datasheet(HTML) 1 Page - Samsung semiconductor

  K4S641633H-RBE Datasheet HTML 1Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 2Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 3Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 4Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 5Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 6Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 7Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 8Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4S641633H - R(B)E/N/G/C/L/F
February 2004
Mobile-SDRAM
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (4K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• Extended Temperature Operation (-25
°C ~ 85°C).
• 54Balls FBGA with 0.8mm ball pitch
( -RXXX : Leaded, -BXXX : Lead Free).
FEATURES
The K4S641633H is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 1,048,576 words by 16 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
GENERAL DESCRIPTION
ORDERING INFORMATION
- R(B)E/N/G : Normal / Low / Low Power, Extended Temperature(-25
°C ~ 85°C)
- R(B)C/L/F : Normal / Low / Low Power, Commercial Temperature(-25
°C ~ 70°C)
NOTES :
1. In case of 40MHz Frequency, CL1 can be supported.
2. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life is potentially at stake.
Please contact to the memory marketing team in samsung electronics when considering the use of a product contained herein for any specific
purpose, such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
K4S641633H-R(B)E/N/G/C/L/F75
133MHz(CL=3)
LVCMOS
54 FBGA
Leaded (Lead Free)
K4S641633H-R(B)E/N/G/C/L/F1H
105MHz(CL=2)
K4S641633H-R(B)E/N/G/C/L/F1L
105MHz(CL=3)*1
1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA


Similar Part No. - K4S641633H-RBE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L10 SAMSUNG-K4S641632C-TC/L10 Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1H SAMSUNG-K4S641632C-TC/L1H Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1L SAMSUNG-K4S641632C-TC/L1L Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L60 SAMSUNG-K4S641632C-TC/L60 Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
More results

Similar Description - K4S641633H-RBE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com